Electronic Components Datasheet Search
  English  ▼

X  

LM49350RLEVAL Datasheet(PDF) 28 Page - Texas Instruments

Part # LM49350RLEVAL
Description  LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49350RLEVAL Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM49350RLEVAL Datasheet HTML 24Page - Texas Instruments LM49350RLEVAL Datasheet HTML 25Page - Texas Instruments LM49350RLEVAL Datasheet HTML 26Page - Texas Instruments LM49350RLEVAL Datasheet HTML 27Page - Texas Instruments LM49350RLEVAL Datasheet HTML 28Page - Texas Instruments LM49350RLEVAL Datasheet HTML 29Page - Texas Instruments LM49350RLEVAL Datasheet HTML 30Page - Texas Instruments LM49350RLEVAL Datasheet HTML 31Page - Texas Instruments LM49350RLEVAL Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 108 page
background image
LM49350, LM49350RLEVAL
SNAS359D – SEPTEMBER 2008 – REVISED JUNE 2012
www.ti.com
Table 1. Device Register Map(1) (continued)
Address
Register
7
6
5
4
3
2
1
0
DIGITAL MIXER
0x40h
IPLVL1
PORT2_RX_R_LVL
PORT2_RX_L_LVL
PORT1_RX_R_LVL
PORT1_RX_L_LVL
0x41h
IPLVL2
INTERP_L_LVL
INTERP_R_LVL
ADC_R_LVL
ADC_L_LVL
0x42h
OPPORT1
MONO
SWAP
R_SEL
L_SEL
0x43h
OPPORT2
MONO
SWAP
R_SEL
L_SEL
0x44h
OPDAC
SWAP
ADCR
PORT2R
PORT1R
ADCL
PORT2L
PORT1L
0x45h
OPDECI
MXRCLK_SEL
R_SEL
L_SEL
AUDIO PORT 1
STEREO_SY
STEREO_S
0x50h
BASIC
NC_
YNC_
CLK_PH
SYNC_MS
CLK_MS
TX_ENB
RX_ENB
STEREO
MODE
PHASE
0x51h
CLK_GEN1
CLK_SEL
HALF_CYCLE_DIVDER
SYNTH_DE
0x52h
CLK_GEN2
SYNTH_NOM
NOM
SYNC_
0x53h
SYNC_WIDTH(MONO MODE)
SYNC_RATE
GEN
DATA_
0x54h
TX_EXTRA_BITS
TX_WIDTH
RX_WIDTH
WIDTH
0x55h
RX_MODE
A/ULAW
COMPAND
MSB_POSITION
RX_MODE
0x56h
TX_MODE
A/ULAW
COMPAND
MSB_POSITION
TX_MODE
AUDIO PORT 2
STEREO_SY
STEREO_S
0x60h
BASIC
NC_
YNC_
CLK_PH
SYNC_MS
CLK_MS
TX_ENB
RX_ENB
STEREO
MODE
PHASE
0x61h
CLK_GEN1
CLK_SEL
HALF_CYCLE_DIVDER
SYNTH_
0x62h
CLK_GEN2
SYNTH_NOM
DENOM
SYNC_
0x63h
SYNC_WIDTH(MONO MODE)
SYNC_RATE
GEN
DATA_
0x64h
TX_EXTRA_BITS
TX_WIDTH
RX_WIDTH
WIDTH
0x65h
RX_MODE
A/ULAW
COMPAND
MSB_POSITION
RX_MODE
0x66h
TX_MODE
A/ULAW
COMPAND
MSB_POSITION
TX_MODE
EFFECTS ENGINE
ADC
ADC
ADC
ADC
ADC
0x70h
ADC FX
SCLP ENB
EQ ENB
PK ENB
ALC ENB
HPF_ENB
DAC
DAC
DAC
DAC
DAC
0x71h
DAC FX
SCLP ENB
3D ENB
EQ ENB
PK ENB
ALC ENB
ADC EFFECTS
0x80h
HPF
HPF MODE
ADC
SOURCE
SOURCE
STEREO
0x81h
LIMITER
SAMPLE_RATE
ALC 1
OVR
SEL
LINK
ADC
0x82h
NG_ENB
NOISE_FLOOR
ALC 2
ADC
0x83h
ALC_TARGET_LEVEL
ALC 3
ADC
0x84h
ATTACK_RATE
ALC 4
ADC
0x85h
PK_DECAY_RATE
DECAY_RATE/RELEASE_RATE
ALC 5
28
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Links: LM49350 LM49350RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com