Electronic Components Datasheet Search
  English  ▼

X  

LM49350RLEVAL Datasheet(PDF) 20 Page - Texas Instruments

Part # LM49350RLEVAL
Description  LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49350RLEVAL Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM49350RLEVAL Datasheet HTML 16Page - Texas Instruments LM49350RLEVAL Datasheet HTML 17Page - Texas Instruments LM49350RLEVAL Datasheet HTML 18Page - Texas Instruments LM49350RLEVAL Datasheet HTML 19Page - Texas Instruments LM49350RLEVAL Datasheet HTML 20Page - Texas Instruments LM49350RLEVAL Datasheet HTML 21Page - Texas Instruments LM49350RLEVAL Datasheet HTML 22Page - Texas Instruments LM49350RLEVAL Datasheet HTML 23Page - Texas Instruments LM49350RLEVAL Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 108 page
background image
20
100
FREQUENCY (Hz)
-120
-100
-80
-60
-40
-20
+0
100k
50
200 500 1k 2k 5k 10k 20k 50k
-110
-90
-70
-50
-30
-10
20
100
FREQUENCY (Hz)
-120
-100
-80
-60
-40
-20
+0
100k
50
200 500 1k 2k 5k 10k 20k 50k
-110
-90
-70
-50
-30
-10
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
OUTPUT POWER (W)
10m 20m
50m 100m 200m 500m 1
2 3
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
OUTPUT POWER (W)
10m 20m
50m 100m 200m 500m 1
2 3
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
OUTPUT POWER (W)
10m 20m
50m 100m 200m 500m 1
2 3
10m
100m
OUTPUT POWER (W)
1
20m
200m
2
50m
500m
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
LM49350, LM49350RLEVAL
SNAS359D – SEPTEMBER 2008 – REVISED JUNE 2012
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Loudspeaker THD+N vs Output Power
Loudspeaker THD+N vs Output Power
Differential Aux Input, Aux Gain = 0dB
Differential Aux Input, Aux Gain = 0dB
VDD = 5V, VIN = 1kHz, RL = 8Ω
LS_VDD = 3.3V, RL = 4Ω, f = 1kHz
Figure 27.
Figure 28.
Loudspeaker THD+N vs Output Power
Loudspeaker THD+N vs Output Power
Differential Aux Input, Aux Gain = 0dB
Differential Aux Input, Aux Gain = 0dB
LS_VDD = 4.2V, RL = 4Ω, f = 1kHz
LS_VDD = 5V, RL = 4Ω, f = 1kHz
Figure 29.
Figure 30.
Loudspeaker PSRR vs Frequency
Loudspeaker PSRR vs Frequency
LS_VDD = 3.3V, Aux Gain = 0dB
LS_VDD = 4.2V, Aux Gain = 0dB
Differential Aux Input to Ground
Differential Aux Input to Ground
VRIPPLE = 200mVPP
VRIPPLE = 200mVPP
Figure 31.
Figure 32.
20
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Links: LM49350 LM49350RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com