Electronic Components Datasheet Search
  English  ▼

X  

LM49350RLEVAL Datasheet(PDF) 13 Page - Texas Instruments

Part # LM49350RLEVAL
Description  LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49350RLEVAL Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM49350RLEVAL Datasheet HTML 9Page - Texas Instruments LM49350RLEVAL Datasheet HTML 10Page - Texas Instruments LM49350RLEVAL Datasheet HTML 11Page - Texas Instruments LM49350RLEVAL Datasheet HTML 12Page - Texas Instruments LM49350RLEVAL Datasheet HTML 13Page - Texas Instruments LM49350RLEVAL Datasheet HTML 14Page - Texas Instruments LM49350RLEVAL Datasheet HTML 15Page - Texas Instruments LM49350RLEVAL Datasheet HTML 16Page - Texas Instruments LM49350RLEVAL Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
LM49350, LM49350RLEVAL
www.ti.com
SNAS359D – SEPTEMBER 2008 – REVISED JUNE 2012
ELECTRICAL CHARACTERISTICS: A_VDD = LS_VDD = 3.3V; D_VDD = I/O_VDD =
1.8V
(1)(2) (continued)
The following specifications apply for RL(LS) = 8Ω, RL(HP) = 32Ω, f = 1kHz, unless otherwise specified. Limits apply for TA =
25°C.
LM49350
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
MIC BIAS
VBIAS
Microphone Bias Voltage
MIC input selected
2.2
V
VOLUME CONTROL
Minimum Gain
–46.5
dB
VCRAUX
Stereo Input Volume Control Range
Maximum Gain
12
dB
Minimum Gain
–76.5
dB
VCRDAC
DAC Volume Control Range
Maximum Gain
18
dB
Minimum Gain
–76.5
dB
VCRADC
ADC Volume Control Range
Maximum Gain
18
dB
Minimum Gain
6
dB
VCRMIC
MIC Volume Control Range
Maximum Gain
36
dB
SSAUX
AUX Volume Control Stepsize
1.5
dB
SSDAC
DAC Volume Control Stepsize
1.5
dB
SSADC
DAC Volume Control Stepsize
1.5
dB
SSMIC
MIC Volume Control Stepsize
2
dB
SVAUX
AUX Volume Setting Variation
±1
dB (max)
SVMIC
MIC Volume Setting Variation
±1
dB (max)
ANALOG INPUTS
AUXR Gain = 12dB
17.5
k
Ω
AUXR_RIN
Right Auxiliary Input Impedance
AUXR Gain = 0dB
38
k
Ω
AUXR Gain = –46.5dB
64
k
Ω
AUXL Gain = 12dB
17.5
k
Ω
AUXL_RIN
Right Auxiliary Input Impedance
AUXL Gain = 0dB
38
k
Ω
AUXL Gain = –46.5dB
64
k
Ω
MICR_RIN
Right Microphone Input Impedance
All MIC gain settings
50
k
Ω
MICL_RIN
Left Microphone Input Impedance
All MIC gain settings
50
k
Ω
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM49350 LM49350RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com