Electronic Components Datasheet Search
  English  ▼

X  

LM49350RLEVAL Datasheet(PDF) 60 Page - Texas Instruments

Part # LM49350RLEVAL
Description  LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49350RLEVAL Datasheet(HTML) 60 Page - Texas Instruments

Back Button LM49350RLEVAL Datasheet HTML 56Page - Texas Instruments LM49350RLEVAL Datasheet HTML 57Page - Texas Instruments LM49350RLEVAL Datasheet HTML 58Page - Texas Instruments LM49350RLEVAL Datasheet HTML 59Page - Texas Instruments LM49350RLEVAL Datasheet HTML 60Page - Texas Instruments LM49350RLEVAL Datasheet HTML 61Page - Texas Instruments LM49350RLEVAL Datasheet HTML 62Page - Texas Instruments LM49350RLEVAL Datasheet HTML 63Page - Texas Instruments LM49350RLEVAL Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 108 page
background image
LM49350, LM49350RLEVAL
SNAS359D – SEPTEMBER 2008 – REVISED JUNE 2012
www.ti.com
Digital Effects Engine
DIGITAL SIGNAL PROCESSOR (DSP)
The LM49350 is designed to handle the entire audio signal conditioning and processing within the audio system,
thereby freeing up the workload of any other applications processor contained within the system. The LM49350
features two independent DSPs, one for the DAC and the other for the ADC. Each DSP is fully featured and
performs as a professional quality digital audio effects engine. The data paths on each DSP engine are 24 bits
wide for ultimate flexibility. Both DSP engines feature digital volume control, automatic level control (ALC), digital
soft clip compression, and a 5-band parametric EQ. The ADC DSP engine adds a dedicated high-pass filter to
reduce wind noise or pop noise during uplink. The DAC DSP engine adds a digital 3D algorithm that allows for
stereo widening of the original audio signal. The effects chain of each DSP engine is shown by the diagrams
below.
Figure 63. ADC DSP Effects Chain
Figure 64. DAC DSP Effects Chain
The ADC and DAC DSP engines can be cascaded together in any order via the digital mixer to combine different
audio effects to the same signal path. For example, a signal can be processed with high-pass filtering from the
ADC effects engine with 3D stereo widening from the DAC effects engine. The 5-band parametric EQs from each
DSP engine can be combined to form a single 10-band parametric EQ or a single 5-band parametric EQ with
±30dB (instead of ±15dB) gain control for each band.
Table 46. ADC EFFECTS (0x70h)
Bits
Field
Description
0
ADC_HPF_ENB
This enables the ADC's High Pass Filter.
1
ADC_ALC_ENB
This enables the ADC's Auto Level Control.
2
ADC_PK_ENB
This enables the ADC's Peak Detector.
3
ADC_EQ_ENB
This enables the ADC's 5-band Parametric EQ.
4
ADC_SCLP_ENB
This enables the ADC's Soft Clip Feature.
60
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Links: LM49350 LM49350RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com