Electronic Components Datasheet Search
  English  ▼

X  

LM49350RLEVAL Datasheet(PDF) 25 Page - Texas Instruments

Part # LM49350RLEVAL
Description  LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49350RLEVAL Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM49350RLEVAL Datasheet HTML 21Page - Texas Instruments LM49350RLEVAL Datasheet HTML 22Page - Texas Instruments LM49350RLEVAL Datasheet HTML 23Page - Texas Instruments LM49350RLEVAL Datasheet HTML 24Page - Texas Instruments LM49350RLEVAL Datasheet HTML 25Page - Texas Instruments LM49350RLEVAL Datasheet HTML 26Page - Texas Instruments LM49350RLEVAL Datasheet HTML 27Page - Texas Instruments LM49350RLEVAL Datasheet HTML 28Page - Texas Instruments LM49350RLEVAL Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 108 page
background image
SDA
SCL
1
8
2
3
7
6
5
8
10
4
9
1
7
ack from slave
ack from slave
w
rs
r
stop
ack from slave
ack from master
repeated start
data from slave
start
w ack
ack
rs
r ack
ack stop
start
SCL
SDA
MSB Chip Address LSB
slave address =
00110102
register address = 0x00h
MSB Register 0x00h LSB
MSB
Data
LSB
MSB Chip Address LSB
slave address =
00110102
register 0x00h data
ack
ack
ack
ack
start
MSB Chip Address LSB
w
ack
MSB Register 0x02h LSB
ack
MSB
Data
LSB
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
slave address =
00110102
w
ack
register address = 0x02h
ack
ack
register 0x02h data
stop
ADR6
Bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
I
2
C SLAVE address (chip address)
LM49350, LM49350RLEVAL
www.ti.com
SNAS359D – SEPTEMBER 2008 – REVISED JUNE 2012
Figure 50. I2C Chip Address
Register changes take effect at the SCL rising edge during the last ACK from slave.
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled down by slave)
rs = repeated start
Figure 51. Example I2C Write Cycle
When a READ function is to be accomplished, a WRITE function must precede the READ function, as shown in
the Figure 52 waveform.
Figure 52. Example I2C Read Cycle
Figure 53. I2C Timing Diagram
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM49350 LM49350RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com