Electronic Components Datasheet Search
  English  ▼

X  

LM49350RLEVAL Datasheet(PDF) 2 Page - Texas Instruments

Part # LM49350RLEVAL
Description  LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49350RLEVAL Datasheet(HTML) 2 Page - Texas Instruments

  LM49350RLEVAL Datasheet HTML 1Page - Texas Instruments LM49350RLEVAL Datasheet HTML 2Page - Texas Instruments LM49350RLEVAL Datasheet HTML 3Page - Texas Instruments LM49350RLEVAL Datasheet HTML 4Page - Texas Instruments LM49350RLEVAL Datasheet HTML 5Page - Texas Instruments LM49350RLEVAL Datasheet HTML 6Page - Texas Instruments LM49350RLEVAL Datasheet HTML 7Page - Texas Instruments LM49350RLEVAL Datasheet HTML 8Page - Texas Instruments LM49350RLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
LM49350, LM49350RLEVAL
SNAS359D – SEPTEMBER 2008 – REVISED JUNE 2012
www.ti.com
DESCRIPTION CONTINUED
The LM49350 features dual bi-directional I2S or PCM audio interfaces for full range audio and an I2C compatible
interface for control. The stereo DAC path features an SNR of 96dB with 24-bit 48 kHz input. The headphone
amplifier delivers 69mWRMS (typ) to a 32Ω single-ended stereo load with less than 1% distortion (THD+N) when
A_VDD = 3.3V. The earpiece speaker amplifier delivers 58mWRMS (typ) to a 32Ω bridged-tied load with less than
1% distortion (THD+N) when A_VDD = 3.3V. The loudspeaker amplifier delivers up to 495mW into an 8Ω load
with less than 1% distortion when LS_VDD = 3.3V and up to 1.2W when LS_VDD = 5.0V.
The LM49350 employs advanced techniques to reduce power consumption, to reduce controller overhead, to
speed development time, and to eliminate click and pop. Boomer audio power amplifiers were designed
specifically to provide high quality output power with a minimal amount of external components. It is therefore
ideally suited for mobile phone and other low voltage applications where minimal power consumption, PCB area
and cost are primary requirements.
2
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Links: LM49350 LM49350RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com