Electronic Components Datasheet Search
  English  ▼

X  

LM49350RLEVAL Datasheet(PDF) 39 Page - Texas Instruments

Part # LM49350RLEVAL
Description  LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49350RLEVAL Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM49350RLEVAL Datasheet HTML 35Page - Texas Instruments LM49350RLEVAL Datasheet HTML 36Page - Texas Instruments LM49350RLEVAL Datasheet HTML 37Page - Texas Instruments LM49350RLEVAL Datasheet HTML 38Page - Texas Instruments LM49350RLEVAL Datasheet HTML 39Page - Texas Instruments LM49350RLEVAL Datasheet HTML 40Page - Texas Instruments LM49350RLEVAL Datasheet HTML 41Page - Texas Instruments LM49350RLEVAL Datasheet HTML 42Page - Texas Instruments LM49350RLEVAL Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
LM49350, LM49350RLEVAL
www.ti.com
SNAS359D – SEPTEMBER 2008 – REVISED JUNE 2012
Table 16. PLL2_N_MOD (0x0Bh)
Bits
Field
Description
4:0
PLL2_N_MOD
This programs the sigma-delta modulator in PLL2
PLL2_N_MOD
Fractional Part of N
00000
0
00001
1/32
00010
2/32
00011
3/32
00100
4/32
00101
5/32
—
—
11101
29/32
11110
30/32
11111
31/32
5
PLL2_P[8]
This is the MSB of the P Divider on PLL2.
Table 17. PLL2_P (0x0Ch)
Bits
Field
Description
7:0
PLL2_P[7:0]
This programs the 8 LSBs of PLL2's P Divider. These LSBs combine with PLL2_P[8] which allows
the P divider to divide by up to 256
PLL2_P
P Divides by
000000000
1
000000001
1
000000010
1.5
000000011
2
000000100
2.5
000000101
3
—
—
111111101
255
111111110
255.5
111111111
256
Analog Mixer Control Registers
This register is used to control the LM49350's Analog Mixer:
Table 18. CLASS_D_OUTPUT (0x10h)
Bits
Field
Description
0
DACR_LS
The right DAC output is added to the loudspeaker output.
1
DACL_LS
The left DAC output is added to the loudspeaker output.
2
MICR_LS
The right MIC input is added to the loudspeaker output. Setting this bit enables MIC BIAS.
3
MICL_LS
The left MIC input is added to the loudspeaker output. Setting this bit enables MIC BIAS.
4
AUXR_LS
The right AUX input is added to the loudspeaker output.
5
AUXL_LS
The left AUX input is added to the loudspeaker output.
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM49350 LM49350RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com