Electronic Components Datasheet Search
  English  ▼

X  

PCM1680 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1680
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1680 Datasheet(HTML) 4 Page - Texas Instruments

  PCM1680 Datasheet HTML 1Page - Texas Instruments PCM1680 Datasheet HTML 2Page - Texas Instruments PCM1680 Datasheet HTML 3Page - Texas Instruments PCM1680 Datasheet HTML 4Page - Texas Instruments PCM1680 Datasheet HTML 5Page - Texas Instruments PCM1680 Datasheet HTML 6Page - Texas Instruments PCM1680 Datasheet HTML 7Page - Texas Instruments PCM1680 Datasheet HTML 8Page - Texas Instruments PCM1680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
1
2
3
4
5
6
7
8
9
10
1
1
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ZERO1
MS/ADR
MC/SCL
MD/SDA
SCK
DATA1
BCK
LRCK
V
DD
DGND
DATA2
DATA3
DATA4
MSEL
ZERO2
V
1
OUT
V
2
OUT
V
COM
AGND2
V
2
CC
V
3
OUT
V
4
OUT
V
5
OUT
V
6
OUT
AGND1
V
1
CC
V
7
OUT
V
8
OUT
PCM1680
SLES133B – MARCH 2005 – REVISED OCTOBER 2008.................................................................................................................................................. www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VCC = VDD = 5 V, fS = 48 kHz, system clock = 512 fS, and 24-bit data, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL FILTER PERFORMANCE (continued)
Filter Characteristics (Slow Roll-Off)
Passband
±0.5 dB
0.198
fS
Stop band
0.884
fS
Passband ripple
±0.5
dB
Stop-band attenuation
Stop band = 0.884 fS
–35
dB
Delay time
20/fS
De-emphasis error
±0.1
dB
ANALOG FILTER PERFORMANCE
at 20 kHz
–0.02
Frequency response
dB
at 44 kHz
–0.07
POWER-SUPPLY REQUIREMENTS
VDD
4.75
5
5.25
Voltage range
VDC
VCC
4.75
5
5.25
fS = 48 kHz
91
110
IDD + ICC
Supply current
fS = 96 kHz, system clock = 256 fS
102
mA
fS = 192 kHz, system clock = 128 fS
106
fS = 48 kHz
455
605
Power dissipation
fS = 96 kHz, system clock = 256 fS
510
mW
fS = 192 kHz, system clock = 128 fS
530
TEMPERATURE RANGE
Operating temperature
–25
+70
°C
θ
JA
Thermal resistance
70
°C/W
DBQ PACKAGE
SSOP-28, QSOP-28
(TOP VIEW)
4
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com