Electronic Components Datasheet Search
  English  ▼

X  

PCM1680 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1680
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1680 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1680 Datasheet HTML 1Page - Texas Instruments PCM1680 Datasheet HTML 2Page - Texas Instruments PCM1680 Datasheet HTML 3Page - Texas Instruments PCM1680 Datasheet HTML 4Page - Texas Instruments PCM1680 Datasheet HTML 5Page - Texas Instruments PCM1680 Datasheet HTML 6Page - Texas Instruments PCM1680 Datasheet HTML 7Page - Texas Instruments PCM1680 Datasheet HTML 8Page - Texas Instruments PCM1680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
PCM1680
www.ti.com.................................................................................................................................................. SLES133B – MARCH 2005 – REVISED OCTOBER 2008
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio
Digital-to-Analog Converter
• Integrated A/V Receivers
2345
• 24-Bit Resolution
• DVD Movie and Audio Players
• Analog Performance:
• HDTV Receivers
–
Dynamic Range: 105 dB Typical
• Car Audio Systems
–
SNR: 105 dB Typical
• DVD Add-On Cards for High-End PCs
–
THD+N: 0.002% Typical
• Digital Audio Workstations
–
Full-Scale Output: 3.9 VPP Typical
• Other Multichannel Audio Systems
• 4x/8x Oversampling Interpolation Filter:
–
Stop-Band Attenuation: –50 dB
–
Passband Ripple: ±0.04 dB
The PCM1680 is a CMOS, monolithic integrated
• Sampling Frequency: 5 kHz to 200 kHz
circuit
which
features
eight
24-bit
audio
digital-to-analog
converters
(DACs)
and
support
• System Clock: 128 f
S, 192 fS, 256 fS, 384 fS, 512
circuitry in a small SSOP-28. The DACs use TI's
fS, 768 fS, or 1152 fS with Autodetect
enhanced multilevel delta-sigma (
ΔΣ) architecture to
• Zero Flags for Selectable Channel
achieve excellent signal-to-noise performance and a
Combinations
high tolerance to clock jitter.
• Serial Port (SPI™/I2C™) for Mode Control
The PCM1680 accepts industry-standard audio data
• User-Programmable Functions:
formats with 16-bit to 24-bit audio data. Sampling
rates up to 200 kHz are supported. The PCM1680
–
Flexible Audio Data Formats
provides a full set of user-programmable functions
–
Right-Justified, I2S™, and Left-Justified
through a serial control port, using an SPI or I2C
–
16-, 18-, 20-, and 24-Bit Audio Data
interface.
–
Digital Attenuation: Mode Selectable
–
0 dB to –63 dB, 0.5-dB/step
–
0 dB to –100 dB, 1-dB/step
–
Soft Mute
–
Digital De-Emphasis
–
Digital Filter Roll-Off: Sharp or Slow
• Single Power-Supply Operation: 5-V Analog,
5-V Digital
• Package: SSOP-28 (150 mil)
• Pin-Compatible with PCM1780
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
System Two, Audio Precision are trademarks of Audio Precision, Inc.
3
SPI is a trademark of Motorola.
4
I2C, I2S are trademarks of NXP Semiconductors.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1680

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI2-PCM1680 Datasheet
508Kb / 36P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
REVISED OCTOBER 2008
PCM1680DBQ TI-PCM1680DBQ Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680DBQ TI2-PCM1680DBQ Datasheet
508Kb / 36P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
REVISED OCTOBER 2008
PCM1680DBQ.B TI2-PCM1680DBQ.B Datasheet
508Kb / 36P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
REVISED OCTOBER 2008
More results

Similar Description - PCM1680

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1606E TI1-PCM1606E Datasheet
405Kb / 28P
24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com