Electronic Components Datasheet Search
  English  ▼

X  

PCM1680 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1680
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1680 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1680 Datasheet HTML 19Page - Texas Instruments PCM1680 Datasheet HTML 20Page - Texas Instruments PCM1680 Datasheet HTML 21Page - Texas Instruments PCM1680 Datasheet HTML 22Page - Texas Instruments PCM1680 Datasheet HTML 23Page - Texas Instruments PCM1680 Datasheet HTML 24Page - Texas Instruments PCM1680 Datasheet HTML 25Page - Texas Instruments PCM1680 Datasheet HTML 26Page - Texas Instruments PCM1680 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
REGISTER DEFINITIONS
ATx[7:0]: Digital Attenuation Level Setting
PCM1680
www.ti.com.................................................................................................................................................. SLES133B – MARCH 2005 – REVISED OCTOBER 2008
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 1
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT17
AT16
AT15
AT14
AT13
AT12
AT11
AT10
REGISTER 2
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT27
AT26
AT25
AT24
AT23
AT22
AT21
AT20
REGISTER 3
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT37
AT36
AT35
AT34
AT33
AT32
AT31
AT30
REGISTER 4
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT47
AT46
AT45
AT44
AT43
AT42
AT41
AT40
REGISTER 5
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT57
AT56
AT55
AT54
AT53
AT52
AT51
AT50
REGISTER 6
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT67
AT66
AT65
AT64
AT63
AT62
AT61
AT60
REGISTER 16
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT77
AT76
AT75
AT74
AT73
AT72
AT711
AT70
REGISTER 17
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT87
AT86
AT85
AT84
AT83
AT82
AT81
AT80
Where x = 1–8, corresponding to the DAC output VOUTx. Default value: 1111 1111b.
ATTENUATION LEVEL SETTING
ATx[7:0]
DECIMAL VALUE
DAMS = 0
DAMS = 1
1111 1111b
255
0 dB, no attenuation (default)
0 dB, no attenuation (default)
1111 1110b
254
–0.5 dB
–1 dB
1111 1101b
253
–1 dB
–2 dB
:
:
:
:
1001 1100b
156
–49.5 dB
–99 dB
1001 1011b
155
–50 dB
–100 dB
1001 1010b
154
–50.5 dB
Mute
:
:
:
:
1000 0010b
130
–62.5 dB
Mute
1000 0001b
129
–63 dB
Mute
1000 0000b
128
Mute
Mute
:
:
:
:
0000 0000b
0
Mute
Mute
Each DAC output, VOUT1 through VOUT8, has a digital attenuation function. The attenuation level can be set from
0 dB to R dB, in S-dB steps. Changes in attenuation levels are made by incrementing or decrementing by one
step (S-dB) for every 8/fS time interval until the programmed attenuation setting is reached. Alternatively, the
attenuation level can be set to infinite attenuation (or mute). Range (R) and step (S) are –63 and 0.5,
respectively, for DAMS = 0 and –100 and 1, respectively, for DAMS = 1. The DAMS bit is defined in register 13.
The attenuation data for each channel can be set individually. The attenuation level can be calculated using the
following formula:
Attenuation level (dB) = S × (ATx[7:0]DEC – 255)
Where ATx[7:0]DEC = 0 through 255. For ATx[7:0]DEC = 0 through 128 with DAMS = 0 or for ATx[7:0]DEC = 0
through 154 with DAMS = 1, the attenuation is set to infinite attenuation (mute).
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): PCM1680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com