Electronic Components Datasheet Search
  English  ▼

X  

PCM1680 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1680
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1680 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1680 Datasheet HTML 13Page - Texas Instruments PCM1680 Datasheet HTML 14Page - Texas Instruments PCM1680 Datasheet HTML 15Page - Texas Instruments PCM1680 Datasheet HTML 16Page - Texas Instruments PCM1680 Datasheet HTML 17Page - Texas Instruments PCM1680 Datasheet HTML 18Page - Texas Instruments PCM1680 Datasheet HTML 19Page - Texas Instruments PCM1680 Datasheet HTML 20Page - Texas Instruments PCM1680 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
MODE CONTROL
SPI CONTROL INTERFACE
REGISTER WRITE OPERATION
MSB
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
LSB
Register Index (or Address)
Register Data
R0001-01
IDX0
D7
D6
D4
D5
D3
D2
D1
D0
0
MS
MC
MD
X
0
IDX6
X
IDX1
IDX2
IDX3
IDX4
IDX5
IDX6
X
T0048-01
PCM1680
www.ti.com.................................................................................................................................................. SLES133B – MARCH 2005 – REVISED OCTOBER 2008
The PCM1680 has many programmable functions which can be controlled in the software control mode. The
functions are controlled by programming and reading the internal registers using the SPI or I2C interface. These
two interfaces for mode control can be selected by MSEL (pin 14). The functions of pins 2, 3, and 4 are changed
by MSEL selection as shown in Table 4.
Table 4. Interface Mode Control
PIN FUNCTION
MSEL
INTERFACE MODE
PIN 2
PIN 3
PIN 4
LOW
SPI
MS
MC
MD
HIGH
I2C
ADR
SCL
SCA
The SPI control interface of the PCM1680 is a 3-wire synchronous serial port that operates asynchronously to
the serial audio interface. The SPI control interface is used to program the on-chip mode registers. The control
interface includes MD (pin 4), MC (pin 3), and MS (pin 2). MD is the serial data input, used to program the mode
registers. MC is the control port for the serial bit clock, used to shift in the serial data, and MS is the control port
for mode control select, which is used to enable the mode control.
All write operations for the serial control port use 16-bit data words. Figure 24 shows the control data word
format. The most significant bit is a fixed '0' for the write operation. Seven bits, labeled IDX[6:0], set the register
index (or address) for the write operation. The least significant eight bits, D[7:0], contain the data to be written to
the register specified by IDX[6:0].
Figure 25 shows the functional timing diagram for writing to the serial control port. MS is held at a logic-1 state
until a register must be written. To start the register write cycle, MS is set to logic-0. 16 clock cycles are then
provided on MC, corresponding to the 16 bits of the control data word on MD. After the completion of the 16th
clock cycle, MS is set to logic-1 to latch the data into the indexed mode control register.
Figure 24. Control Data Word Format for MD
Figure 25. Write Operation Timing
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): PCM1680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com