Electronic Components Datasheet Search
  English  ▼

X  

PCM1680 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1680
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1680 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1680 Datasheet HTML 1Page - Texas Instruments PCM1680 Datasheet HTML 2Page - Texas Instruments PCM1680 Datasheet HTML 3Page - Texas Instruments PCM1680 Datasheet HTML 4Page - Texas Instruments PCM1680 Datasheet HTML 5Page - Texas Instruments PCM1680 Datasheet HTML 6Page - Texas Instruments PCM1680 Datasheet HTML 7Page - Texas Instruments PCM1680 Datasheet HTML 8Page - Texas Instruments PCM1680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
PCM1680
www.ti.com.................................................................................................................................................. SLES133B – MARCH 2005 – REVISED OCTOBER 2008
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND1
18
–
Analog ground
AGND2
24
–
Analog ground
BCK
7
I
Shift clock input for serial audio data(1)
DATA1
6
I
Serial audio data input for VOUT1 and VOUT2
(1)
DATA2
11
I
Serial audio data input for VOUT3 and VOUT4
(1)
DATA3
12
I
Serial audio data input for VOUT5 and VOUT6
(1)
DATA4
13
I
Serial audio data input for VOUT7 and VOUT8
(1)
DGND
10
–
Digital ground
LRCK
8
I
Left and right clock input. The frequency of this clock is equal to the sampling rate, fS.
(1)
MC/SCL
3
I
Shift clock input for SPI, serial clock input for I2C(1)(2)
MD/SDA
4
I/O
Serial data input for SPI, serial data input/output for I2C(1)(2)(3)
MS/ADR
2
I
Select input for SPI, address input for I2C(1)(4)
MSEL
14
I
I2C/SPI select(1)(4)
SCK
5
I
System clock input. Input frequency is 128, 192, 256, 384, 512, 768, or 1152 fS.
(1)
VCC1
17
–
Analog power supply, 5 V
VCC2
23
–
Analog power supply, 5 V
VCOM
25
–
Common voltage output. This pin should be bypassed with a 10-
µF capacitor to AGND.
VDD
9
–
Digital power supply, 5 V
VOUT1
27
O
Voltage output for audio signal corresponding to L-ch on DATA1
VOUT2
26
O
Voltage output for audio signal corresponding to R-ch on DATA1
VOUT3
22
O
Voltage output for audio signal corresponding to L-ch on DATA2
VOUT4
21
O
Voltage output for audio signal corresponding to R-ch on DATA2
VOUT5
20
O
Voltage output for audio signal corresponding to L-ch on DATA3
VOUT6
19
O
Voltage output for audio signal corresponding to R-ch on DATA3
VOUT7
16
O
Voltage output for audio signal corresponding to L-ch on DATA4
VOUT8
15
O
Voltage output for audio signal corresponding to R-ch on DATA4
ZERO1
1
O
Zero-flag output 1
ZERO2
28
O
Zero-flag output 2
(1)
Schmitt-trigger input.
(2)
Pull-down in SPI mode.
(3)
Open-drain output in I2C mode.
(4)
Pull-down.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM1680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com