Electronic Components Datasheet Search
  English  ▼

X  

PCM1680 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1680
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1680 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM1680 Datasheet HTML 21Page - Texas Instruments PCM1680 Datasheet HTML 22Page - Texas Instruments PCM1680 Datasheet HTML 23Page - Texas Instruments PCM1680 Datasheet HTML 24Page - Texas Instruments PCM1680 Datasheet HTML 25Page - Texas Instruments PCM1680 Datasheet HTML 26Page - Texas Instruments PCM1680 Datasheet HTML 27Page - Texas Instruments PCM1680 Datasheet HTML 28Page - Texas Instruments PCM1680 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
FLT: Digital Filter Roll-Off Control
FMT[2:0]: Audio Interface Data Format
SRST: Reset
ZREV: Zero-Flag Polarity Select
PCM1680
www.ti.com.................................................................................................................................................. SLES133B – MARCH 2005 – REVISED OCTOBER 2008
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 9
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
FLT
RSV
RSV
FMT2
FMT1
FMT0
Default value: 0
FLT = 0
Sharp roll-off (default)
FLT = 1
Slow roll-off
The FLT bit allows users to select the digital filter roll-off that is best suited to their application. Two filter roll-off
selections are available: sharp or slow. The filter responses for these selections are shown in the Typical
Characteristics section of this data sheet.
Default value: 101b
FMT[2:0]
Audio Data Format Selection
000
24-bit right-justified format, standard data
001
20-bit right-justified format, standard data
010
18-bit right-justified format, standard data
011
16-bit right-justified format, standard data
100
I2S format, 16- to 24-bit
101
Left-justified format, 16- to 24-bit (default)
110
Reserved
111
Reserved
The FMT[2:0] bits are used to select the data format for the serial audio interface.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 10
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
SRST
ZREV
DREV
DMF1
DMF0
RSV
RSV
DMC
Default value: 0
SRST = 0
Reset disabled (default)
SRST = 1
Reset enabled
The SRST bit is used to enable or disable the soft reset function. The operation is the same as the
power-on-reset function with the exception of the reset period, which is 1024 system clocks for the SRST
function. All registers are initialized.
Default value: 0
ZREV = 0
Zero-flag pins high at a zero detect (default)
ZREV = 1
Zero-flag pins low at a zero detect
The ZREV bit allows the user to select the polarity of the zero-flag pins.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): PCM1680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com