Electronic Components Datasheet Search
  English  ▼

X  

PCM1680 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1680
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1680 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM1680 Datasheet HTML 23Page - Texas Instruments PCM1680 Datasheet HTML 24Page - Texas Instruments PCM1680 Datasheet HTML 25Page - Texas Instruments PCM1680 Datasheet HTML 26Page - Texas Instruments PCM1680 Datasheet HTML 27Page - Texas Instruments PCM1680 Datasheet HTML 28Page - Texas Instruments PCM1680 Datasheet HTML 29Page - Texas Instruments PCM1680 Datasheet HTML 30Page - Texas Instruments PCM1680 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
DAMS: Digital Attenuation Mode Select
AZRO[1:0]: Zero-Flag Channel-Combination Select
ZERO[8:1]: Zero-Detect Status (Read-Only, I2C Interface Only)
PCM1680
www.ti.com.................................................................................................................................................. SLES133B – MARCH 2005 – REVISED OCTOBER 2008
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 13
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
DAMS
AZRO1
AZRO0
RSV
RSV
RSV
RSV
RSV
Default value: 0
DAMS = 0
Fine step, 0.5 dB/step for 0 to –63 dB range (default)
DAMS = 1
Wide range, 1 dB/step for 0 to –100 dB range
The DAMS bit is used to select the digital attenuation mode.
Default value: 00b
AZRO[1:0]
Zero-Flag Channel-Combination Select
00
Combination A (ZERO1: DATA1 L-ch, ZERO2: DATA1 R-ch) (default)
01
Combination B (ZERO1: N/A, ZERO2: DATA1–DATA4)
10
Combination C (ZERO1: DATA4, ZERO2: DATA1–DATA3)
11
Combination D (ZERO1: DATA1, ZERO2: DATA2–DATA4)
The AZRO[1:0] bits are used to select the zero-flag channel combinations for ZERO1 and ZERO2.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 14
0
IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0
ZERO8
ZERO7
ZERO6
ZERO5
ZERO4
ZERO3
ZERO2
ZERO1
Default value: N/A
The ZERO[8:1] bits show the status of zero detect for each channel. The status is set to '1' by detecting a zero
state without regard to the ZREV bit setting.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): PCM1680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com