Electronic Components Datasheet Search
  English  ▼

X  

RF65 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
Page 15
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
3. Chip Description
This section describes in depth the architecture of the RF65 low-power, highly integrated receiver.
3.1. Power Supply Strategy
The RF65 employs an advanced power supply scheme, which provides stable operating characteristics over the full
temperature and voltage range of operation.
The RF65 can be powered from any low-noise voltage source via pins VBAT1 and VBAT2. Decoupling capacitors should be
connected, as suggested in the reference design on VR_DIG and VR_ANA pins to ensure a correct operation of the
built-in voltage regulators.
3.2. Low Battery Detector
A low battery detector is also included allowing the generation of an interrupt signal in response to passing a
programmable threshold adjustable through the register RegLowBat. The interrupt signal can be mapped to any of the DIO
pins, through the programmation of RegDioMapping.
3.3. Frequency Synthesis
The LO generation on the RF65 is based on a state-of-the-art fractional-N PLL. The PLL is fully integrated with
automatic calibration.
3.3.1. Reference Oscillator
The crystal oscillator is the main timing reference of the RF65. It is used as a reference for the frequency synthesizer and
as a clock for the digital processing.
The XO startup time, TS_OSC, depends on the actual XTAL being connected on pins XTA and XTB. When using the built-
in sequencer, the RF65 optimizes the startup time and automatically triggers the PLL when the XO signal is stable. To
manually control the startup time, the user should either wait for TS_OSC max, or monitor the signal CLKOUT which will
only be made available on the output buffer when a stable XO oscillation is achieved.
An external clock can be used to replace the crystal oscillator, for instance a tight tolerance TCXO. To do so, bit 4 at
address 0x59 should be set to 1, and the external clock has to be provided on XTA (pin 4). XTB (pin 5) should be left open.
The peak-peak amplitude of the input signal must never exceed 1.8 V. Please consult your TCXO supplier for an
appropriate value of decoupling capacitor, CD.
XTA
XTB
TCXO
32 MHz
NC
OP
Vcc
Vcc
GND
CD
Figure 4. TCXO Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com