Electronic Components Datasheet Search
  English  ▼

X  

RF65 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
Page 66
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
7. Application Information
7.1. Crystal Resonator Specification
Table 26 shows the crystal resonator specification for the crystal reference oscillator circuit of the RF65. This
specification covers the full range of operation of the RF65 and is employed in the reference design.
Table 26 Crystal Specification
Symbol
Description
Conditions
Min
Typ
Max
Unit
FXOSC
XTAL Frequency
26
-
32
MHz
RS
XTAL Serial Resistance
-
30
140
ohms
C0
XTAL Shunt Capacitance
-
2.8
7
pF
CLOAD
External Foot Capacitance
On each pin XTA and XTB
8
16
22
pF
Notes - the initial frequency tolerance, temperature stability and ageing performance should be chosen in accordance
with the target operating temperature range and the receiver bandwidth selected.
- the loading capacitance should be applied externally, and adapted to the actual Cload specification of the XTAL.
- A minimum XTAL frequency of 28 MHz is required to cover the 863-870 MHz band, 29 MHz for the 902-928 MHz
band
7.2. Reset of the Chip
A power-on reset of the RF65 is triggered at power up. Additionally, a manual reset can be issued by controlling pin 6.
7.2.1. POR
If the application requires the disconnection of VDD from the RF65, despite of the extremely low Sleep Mode current, the
user should wait for 10 ms from of the end of the POR cycle before commencing communications over the SPI bus. Pin 6
(Reset) should be left floating during the POR sequence.
VDD
Pin 6
(output)
Undefined
Wait for
10 ms
Chip is ready from
this point on
Figure 34. POR Timing Diagram
Please note that any CLKOUT activity can also be used to detect that the chip is ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com