Electronic Components Datasheet Search
  English  ▼

X  

RF65 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 39Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 40Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 41Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 42Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 43Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 44Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 45Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 46Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
Page 43
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
5.4. Continuous Mode
5.4.1. General Description
As illustrated in Figure 25, in Continuous mode the NRZ data from the demodulator is directly accessed by the uC on the
DIO2/DATA pin. The FIFO and packet handler are thus inactive.
Rx
CONTROL
DIO0
DIO1/DCLK
DIO2/DATA
DIO3
DIO4
DIO5
Data
Rx
SYNC
RECOG.
SPI
NSS
SCK
MOSI
MISO
Figure 25. Continuous Mode Conceptual View
5.4.2. Rx Processing
If the bit synchronizer is disabled, the raw demodulator output is made directly available on DATA pin and no DCLK signal
is provided.
Conversely, if the bit synchronizer is enabled, synchronous cleaned data and clock are made available respectively on
DIO2/DATA and DIO1/DCLK pins. DATA is sampled on the rising edge of DCLK and updated on the falling edge as
illustrated below.
DATA (NRZ)
DCLK
Figure 26. Rx Processing in Continuous Mode
Note
in Continuous mode it is always recommended to enable the bit synchronizer to clean the DATA signal even if the
DCLK signal is not used by the uC (bit synchronizer is automatically enabled in Packet mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com