Electronic Components Datasheet Search
  English  ▼

X  

RF65 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 70Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
Page 67
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
7.2.2. Manual Reset
A manual reset of the RF65 is possible even for applications in which VDD cannot be physically disconnected. Pin 6
should be pulled high for a hundred microseconds, and then released. The user should then wait for 5 ms before using the
chip.
VDD
Pin 6
High-Z
> 100 us
‟‟1‟‟
Wait for
5 ms
High-Z
Chip is ready from
this point on
(input)
Figure 35. Manual Reset Timing Diagram
Note
whilst pin 6 is driven high, an over current consumption of up to ten milliamps can be seen on VDD.
7.3. Reference Design
All schematics shown in this section are full schematics, listing ALL required components, including decoupling capacitors.
Figure 36. Application Schematic
Note
In very cost-sensitive and/or size-constrained applications where it is acceptable to degrade the receiver sensitivity
by approximately 2 dB, L1 and C1 can be omitted.
ADVANCED COMMUNICATIONS & SENSING
DATASHEET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com