Electronic Components Datasheet Search
  English  ▼

X  

RF65 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 46Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 47Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 48Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 49Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 50Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 51Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 52Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 53Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
Page 50
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
data input
CRC Polynomial =X16 + X12 + X5 + 1
X15
X14
X13
X12
X11
* * *
X5
X4
* * *
X0
Figure 31. CRC Implementation
5.5.7. DC-Free Data Mechanisms
The received payload can be de-whitened or Manchester decoded automatically in the RF65 Packet Handler.
Note
Only one of the two methods should be enabled at a time.
5.5.7.1. Manchester Decoding
Manchester decoding is enabled if DcFree = 01 and can only be used in Packet mode.
The Manchester data is decoded to NRZ code by decoding "10" as '1' and "01" as '0'.
In this case, the maximum chip rate is the maximum bit rate given in the specifications section and the actual bit rate is half
the chip rate.
Manchester decoding is only applied to the payload and CRC checksum while preamble and Sync word are kept NRZ.
However, the chip rate from preamble to CRC is the same and defined by BitRate in RegBitRate (Chip Rate = Bit Rate
NRZ = 2 x Bit Rate Manchester).
Manchester decoding is thus made transparent for the user, who still retrieves NRZ data from the FIFO.
1/BR ...Sync
1/BR
Payload...
RF chips @ BR
...
1
1
1
0
1
0
0
1
0
0
1
0
1
1
0
1
0
...
User/NRZ bits
t
Manchester OFF
...
1
1
1
0
1
0
0
1
0
0
1
0
1
1
0
1
0
...
User/NRZ bits
Manchester ON
...
1
1
1
0
1
0
0
1
0
0
1
1
...
Figure 32. Manchester Decoding
5.5.7.2. Data De-Whitening
Another technique called whitening or scrambling is widely used for randomizing the user data before radio transmission.
The data is whitened using a random sequence on the Tx side and de-whitened on the Rx side using the same sequence.
Comparing to Manchester technique it has the advantage of keeping NRZ data rate i.e. actual bit rate is not halved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com