Electronic Components Datasheet Search
  English  ▼

X  

RF65 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 54Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 55Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 56Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 57Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 58Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 59Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
Page 58
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
6.3. Receiver Registers
Table 21 Receiver Registers
Name
(Address)
Bits
Variable Name
Mode
Default
Value
Description
Reserved14
(0x14)
7-0
-
r
0x40
unused
Reserved15
(0x15)
7-0
-
r
0xB0
unused
Reserved16
(0x16)
7-0
-
r
0x7B
unused
Reserved17
(0x17)
7-0
-
r
0x9B
unused
RegLna
(0x18)
7
LnaZin
rw
1
*
LNA
‟s input impedance
0
→ 50 ohms
1
→ 200 ohms
6
-
r
0
unused
5-3
LnaCurrentGain
r
001
Current LNA gain, set either manually, or by the AGC
2-0
LnaGainSelect
rw
000
LNA gain setting:
000
→ gain set by the internal AGC loop
001
→ G1 = highest gain
010
→ G2 = highest gain – 6 dB
011
→ G3 = highest gain – 12 dB
100
→ G4 = highest gain – 24 dB
101
→ G5 = highest gain – 36 dB
110
→ G6 = highest gain – 48 dB
111
→ reserved
RegRxBw
(0x19)
7-5
DccFreq
rw
010
*
Cut-off frequency of the DC offset canceller (DCC):
4-3
RxBwMant
rw
10
*
Channel filter bandwidth control:
00
→ RxBwMant = 16
10
→ RxBwMant = 24
01
→ RxBwMant = 20
11
→ reserved
2-0
RxBwExp
rw
101
*
Channel filter bandwidth control:
FSK Mode:
RegAfcBw
(0x1A)
7-5
DccFreqAfc
rw
100
DccFreq parameter used during the AFC
4-3
RxBwMantAfc
rw
01
RxBwMant parameter used during the AFC
2-0
RxBwExpAfc
rw
011 *
RxBwExp parameter used during the AFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com