Electronic Components Datasheet Search
  English  ▼

X  

RF65 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 23Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 24Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 25Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 26Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 27Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 28Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 29Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 30Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
Page 27
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
signed result is loaded in FeiValue in RegFei, in 2
‟s complement format. The time required for an FEI evaluation is 4 times
the bit period.
To ensure a proper behavior of the FEI:
The operation must be done during the reception of preamble
The sum of the frequency offset and the 20 dB signal bandwidth must be lower than the base band filter bandwidth
The 20 dB bandwidth of the signal can be evaluated as follows (double-side bandwidth):
The frequency error, in Hz, can be calculated with the following formula:
FEI = FSTEP × FeiValue
RF65 in Rx mode Preamble-
modulated input signal Signal
level > Sensitivity
Set FeiStart
= 1
FeiDone
No
= 1
Yes
Read
FeiValue
Figure 11. FEI Process
3.4.16. Automatic Frequency Correction
The AFC is based on the FEI block, and therefore the same input signal and receiver setting conditions apply. When the
AFC procedure is done, AfcValue is directly subtracted to the register that defines the frequency of operation of the chip,
FRF. The AFC can be launched:
Each time the receiver is enabled, if AfcAutoOn = 1
Upon user request, by setting bit AfcStart in RegAfcFei, if AfcAutoOn = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com