Electronic Components Datasheet Search
  English  ▼

X  

RF65 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 32Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 33Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 34Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 35Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 36Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 37Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 38Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 39Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
Page 36
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
4.4. AutoModes
Automatic modes of packet handler can be enabled by configuring the related parameters in RegAutoModes.
The intermediate mode of the chip is called IntermediateMode and the enter and exit conditions to/from this intermediate
mode can be configured through the parameters EnterCondition & ExitCondition.
The enter and exit conditions cannot be used independently of each other i.e. both should be enabled at the same time.
The initial and the final state is the one configured in the Mode in RegOpMode. The initial & final states can be different by
configuring the modes register while the chip is in intermediate mode. The pictorial description of the auto modes is shown
below.
Intermediate State
defined by IntermediateMode
EnterCondition
ExitCondition
Initial state defined
By Mode in RegOpMode
Final state defined
By Mode in RegOpMode
Figure 19. Auto Modes of Packet Handler
Some typical examples of AutoModes usage are described below :
Automatic reception (AutoRx) : Mode = Rx, IntermediateMode = Sleep, EnterCondition = CrcOk, ExitCondition = falling
edge of FifoNotEmpty
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com