Electronic Components Datasheet Search
  English  ▼

X  

LM2775 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2775
Description  LM2775 Switched Capacitor 5-V Boost Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2775 Datasheet(HTML) 4 Page - Texas Instruments

  LM2775 Datasheet HTML 1Page - Texas Instruments LM2775 Datasheet HTML 2Page - Texas Instruments LM2775 Datasheet HTML 3Page - Texas Instruments LM2775 Datasheet HTML 4Page - Texas Instruments LM2775 Datasheet HTML 5Page - Texas Instruments LM2775 Datasheet HTML 6Page - Texas Instruments LM2775 Datasheet HTML 7Page - Texas Instruments LM2775 Datasheet HTML 8Page - Texas Instruments LM2775 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM2775
SNVSA57 – MAY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN, VOUT
–0.3
6
V
EN, OUTDIS, PFM
–0.3
VIN + 0.3 with 6 V Max
V
Continuous power dissipation
Internally Limited
°C
Junction temperature (TJ-MAX)
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
2.7
5.5
V
Junction temperature (TJ )
–40
125
°C
Ambient temperature (TA )
–40
85
°C
6.4 Thermal Information
LM2775
THERMAL METRIC(1)
DSG (WSON)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
71.6
RθJC(top)
Junction-to-case (top) thermal resistance
95.0
RθJB
Junction-to-board thermal resistance
41.5
°C/W
ψJT
Junction-to-top characterization parameter
3.2
ψJB
Junction-to-board characterization parameter
41.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
12.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM2775



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com