Electronic Components Datasheet Search
  English  ▼

X  

LM2775 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM2775
Description  LM2775 Switched Capacitor 5-V Boost Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2775 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2775 Datasheet HTML 12Page - Texas Instruments LM2775 Datasheet HTML 13Page - Texas Instruments LM2775 Datasheet HTML 14Page - Texas Instruments LM2775 Datasheet HTML 15Page - Texas Instruments LM2775 Datasheet HTML 16Page - Texas Instruments LM2775 Datasheet HTML 17Page - Texas Instruments LM2775 Datasheet HTML 18Page - Texas Instruments LM2775 Datasheet HTML 19Page - Texas Instruments LM2775 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
USB OTG
Transceiver
LM2775 (Host
Mode VBUS
Power)
Dual Role
Application
Processor
EN
VBAT (System Voltage)
VOUT / VBUS (5 V)
ID
D+
D-
GND
VBUS
USB Connector
OUTDIS
PFM
IOUT (A)
1E-5
0.0001
0.001
0.01
0.05
0.2 0.5
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
D003
TA = -40°C
TA = +25°C
TA = +85°C
LM2775
SNVSA57 – MAY 2015
www.ti.com
8.2.3 Application Curve
VIN = 3.3 V
PFM = '0'
Figure 22. Load Regulation
8.2.4 USB OTG / Mobile HDMI Power Supply
Figure 23. USB OTG Configuration
8.2.4.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.7 V to 5.5 V
Output current range
0 mA to 200 mA (Max. current will depend on VIN)
8.2.4.2 Detailed Design Procedure
The 5-V output mode is normally used for the USB OTG / Mobile HDMI application. Therefore, the LM2775 can
be enabled/disabled by applying a logic signal on only the EN pin while grounding the OUTDIS pin. Depending
on the USB/HDMI mode of the application, the LM2775 can be enabled to drive the power bus line (Host), or
disabled to put its output in high impedance allowing an external supply to drive the bus line (Slave). In addition
to the high impedance-backdrive protection, the output current limit protection is 250 mA (typical), well within the
USB OTG and HDMI requirements.
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM2775



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com