Electronic Components Datasheet Search
  English  ▼

X  

LM2775 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2775
Description  LM2775 Switched Capacitor 5-V Boost Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2775 Datasheet(HTML) 1 Page - Texas Instruments

  LM2775 Datasheet HTML 1Page - Texas Instruments LM2775 Datasheet HTML 2Page - Texas Instruments LM2775 Datasheet HTML 3Page - Texas Instruments LM2775 Datasheet HTML 4Page - Texas Instruments LM2775 Datasheet HTML 5Page - Texas Instruments LM2775 Datasheet HTML 6Page - Texas Instruments LM2775 Datasheet HTML 7Page - Texas Instruments LM2775 Datasheet HTML 8Page - Texas Instruments LM2775 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
IOUT (A)
1E-5
0.0001
0.001
0.01
0.05
0.2 0.5
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
D003
TA = -40°C
TA = +25°C
TA = +85°C
VIN
EN
LM2775
GND
VOUT
C1+
C1-
2.2 2F
2.2 2F
PFM
OUTDIS
1 2F
5 V @ up to 200 mA
2.7 V to 5.5 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2775
SNVSA57 – MAY 2015
LM2775 Switched Capacitor 5-V Boost Converter
1 Features
3 Description
The
LM2775
is
a
regulated
switched-capacitor
1
•
2.7-V to 5.5-V Input Range
doubler that produces a low-noise output voltage. The
•
Fixed 5-V Output
LM2775 can supply up to 200 mA of output current
•
200-mA Output Current
over a 3.1-V to 5.5-V input range, as well as up to
125 mA of output current when the input voltage is as
•
Inductorless Solution: Only Requires 3 Small
low as 2.7 V. At low output currents, the LM2775 can
Ceramic Capacitors
reduce its quiescent current by operating in a pulse
•
Shutdown Disconnects Load from VIN
frequency modulation (PFM) mode. PFM mode can
•
Current Limit and Thermal Protection
be enabled or disabled by driving the PFM pin to high
or low. Additionally, when the LM2775 is in shutdown,
•
2-MHz Switching Frequency
the user can chose to have the output voltage pulled
•
PFM Operation During Light Load Currents (PFM
to GND or left in a high impedance state by setting
pin tied high)
the OUTDIS pin high or low.
The LM2775 has been placed in TI's 8-pin WSON, a
2 Applications
package with excellent thermal properties that keeps
•
USB OTG
the part from overheating under almost all rated
•
HDMI Power
operating conditions.
•
Portable Electronics
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2775
WSON (8)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
space
space
space
Typical Application Circuit
Load Regulation
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM2775

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2775 TI1-LM2775 Datasheet
2Mb / 30P
Switched Capacitor 5-V Boost Converter
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
Switched Capacitor 5-V Boost Converter
LM2775QDSGRQ1 TI1-LM2775QDSGRQ1 Datasheet
2Mb / 30P
Switched Capacitor 5-V Boost Converter
LM2775QDSGTQ1 TI1-LM2775QDSGTQ1 Datasheet
2Mb / 30P
Switched Capacitor 5-V Boost Converter
More results

Similar Description - LM2775

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
logo
Texas Instruments
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
Switched Capacitor 5-V Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com