Electronic Components Datasheet Search
  English  ▼

X  

LM2775 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2775
Description  LM2775 Switched Capacitor 5-V Boost Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2775 Datasheet(HTML) 3 Page - Texas Instruments

  LM2775 Datasheet HTML 1Page - Texas Instruments LM2775 Datasheet HTML 2Page - Texas Instruments LM2775 Datasheet HTML 3Page - Texas Instruments LM2775 Datasheet HTML 4Page - Texas Instruments LM2775 Datasheet HTML 5Page - Texas Instruments LM2775 Datasheet HTML 6Page - Texas Instruments LM2775 Datasheet HTML 7Page - Texas Instruments LM2775 Datasheet HTML 8Page - Texas Instruments LM2775 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
4
2
3
8
5
7
6
LM2775
www.ti.com
SNVSA57 – MAY 2015
5 Pin Configuration and Functions
DSG Package
8-Pin WSON with Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
PFM
I
PFM mode enable. Allow or disallow PFM operation. 1 = PFM enabled, 0 = PWM disabled
2
C1–
P
Flying capacitor pin
3
C1+
P
Flying capacitor pin
Output disconnect option. 1 = Active output discharge during shutdown, 0 = High impedance
4
OUTDIS
I
output without pull-down during shutdown.
5
EN
I
Chip enable. 1 = Enabled, 0 = Disabled
6
VOUT
O
Charge pump output
7
VIN
P
Input voltage
8
GND
G
Ground
Thermal Pad
GND
GND
Connect to GND
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2775



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com