Electronic Components Datasheet Search
  English  ▼

X  

LM2775 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2775
Description  LM2775 Switched Capacitor 5-V Boost Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2775 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2775 Datasheet HTML 3Page - Texas Instruments LM2775 Datasheet HTML 4Page - Texas Instruments LM2775 Datasheet HTML 5Page - Texas Instruments LM2775 Datasheet HTML 6Page - Texas Instruments LM2775 Datasheet HTML 7Page - Texas Instruments LM2775 Datasheet HTML 8Page - Texas Instruments LM2775 Datasheet HTML 9Page - Texas Instruments LM2775 Datasheet HTML 10Page - Texas Instruments LM2775 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
IOUT (V)
2E-5
0.0001
0.001
0.01
0.05
0.2
0.5
0
20%
40%
60%
80%
D015
TA = -40°C
TA = 25°C
TA = 85°C
Time (200 2s / DIV)
ILOAD (100 mA/DIV)
VOUT (100 mV/DIV)
+5 V Offset
VIN (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
40%
45%
50%
55%
60%
65%
70%
75%
80%
85%
90%
D013
TA = -40°C
TA = +25°C
TA = 85°C
IOUT (V)
2E-5
0.0001
0.001
0.01
0.05
0.2
0.5
0
20%
40%
60%
80%
D014
TA = -40°C
TA = 25°C
TA = 85°C
VIN (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0.000
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.010
0.011
0.012
0.013
0.014
0.015
D007
TA = -40°C
TA = +25°C
TA = +85°C
VIN (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
1.94E+6
1.96E+6
1.98E+6
2E+6
2.02E+6
2.04E+6
2.06E+6
2.08E+6
D008
TA = -40°C
TA = +25°C
TA = +85°C
LM2775
www.ti.com
SNVSA57 – MAY 2015
Typical Characteristics (continued)
TA = 25°C, VIN = 3.6 V, CIN = COUT = 10 µF (10-V 0402 case), C1 = 1 µF (10-V 0402 case), VEN = VIN.
ILOAD = 0 mA
PFM = '0'
Figure 10. Switching Frequency
Figure 9. PWM Quiescent Current
ILOAD = 100 mA
PFM = '0'
VIN = 3.3 V
PFM = '0'
Figure 11. Efficiency vs Input Voltage
Figure 12. Efficiency vs Load Current
VIN = 3.6 V
ILOAD = 1 mA to 100 mA
PFM = '1'
VIN = 3.3 V
PFM = '1'
Figure 14. PFM Load Step
Figure 13. Efficiency vs Load Current
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2775



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com