Electronic Components Datasheet Search
  English  ▼

X  

LM2775 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM2775
Description  LM2775 Switched Capacitor 5-V Boost Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2775 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2775 Datasheet HTML 13Page - Texas Instruments LM2775 Datasheet HTML 14Page - Texas Instruments LM2775 Datasheet HTML 15Page - Texas Instruments LM2775 Datasheet HTML 16Page - Texas Instruments LM2775 Datasheet HTML 17Page - Texas Instruments LM2775 Datasheet HTML 18Page - Texas Instruments LM2775 Datasheet HTML 19Page - Texas Instruments LM2775 Datasheet HTML 20Page - Texas Instruments LM2775 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
VIN (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0.00E+0
2.50E-7
5.00E-7
7.50E-7
1.00E-6
1.25E-6
1.50E-6
D017
TA = -40°C
TA = +25°C
TA = +85°C
LM2775
www.ti.com
SNVSA57 – MAY 2015
8.2.4.3 Application Curve
EN = '0'
OUTDIS = '0'
Figure 24. Output Leakage Current High Z
9 Power Supply Recommendations
The LM2775 is designed to operate from an input voltage supply range between 2.7 V and 5.5 V. This input
supply must be well regulated and capable to supply the required input current. If the input supply is located far
from the LM2775 additional bulk capacitance may be required in addition to the ceramic bypass capacitors.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM2775



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com