Electronic Components Datasheet Search
  English  ▼

X  

LM2775 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2775
Description  LM2775 Switched Capacitor 5-V Boost Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2775 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2775 Datasheet HTML 5Page - Texas Instruments LM2775 Datasheet HTML 6Page - Texas Instruments LM2775 Datasheet HTML 7Page - Texas Instruments LM2775 Datasheet HTML 8Page - Texas Instruments LM2775 Datasheet HTML 9Page - Texas Instruments LM2775 Datasheet HTML 10Page - Texas Instruments LM2775 Datasheet HTML 11Page - Texas Instruments LM2775 Datasheet HTML 12Page - Texas Instruments LM2775 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
12
11
12
11
S2
S4
S1
S3
1.2-V
Ref.
2-MHz
Osc.
OCL
OCL =
Current Limit
VIN
VOUT
C1-
C1+
EN
LM2775
GND
PFM EN
PFM
OUTDIS
LM2775
www.ti.com
SNVSA57 – MAY 2015
7 Detailed Description
7.1 Overview
The LM2775 is a regulated switched capacitor doubler that, by combining the principles of switched-capacitor
voltage boost and linear regulation, generates a regulated output from an extended Li-Ion input voltage range. A
two-phase non-overlapping clock generated internally controls the operation of the doubler. During the charge
phase (
φ1), the flying capacitor (C1) is connected between the input and ground through internal pass transistor
switches and is charged to the input voltage. In the pump phase that follows (
φ2), the flying capacitor is
connected between the input and output through similar switches. Stacked atop the input, the charge of the flying
capacitor boosts the output voltage and supplies the load current.
A traditional switched capacitor doubler operating in this manner uses switches with very low on-resistance to
generate an output voltage that is 2× the input voltage. Regulation is achieved by modulating the current of the
two switches connected to the VIN pin (one switch in each phase).
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Pre-Regulation
The very low input current ripple of the LM2775, resulting from internal pre-regulation, adds minimal noise to the
input line. The core of the LM2775 is very similar to that of a basic switched capacitor doubler: it is composed of
four switches and a flying capacitor (external). Regulation is achieved by controlling the current through the two
switches connected to the VIN pin (one switch in each phase). The regulation is done before the voltage
doubling, giving rise to the term "pre-regulation". It is pre-regulation that eliminates most of the input current
ripple that is a typical and undesirable characteristic of a many switched capacitor converters.
7.3.2 Input Current Limit
The LM2775 contains current limit circuitry that protects the device in the event of excessive input current and/or
output shorts to ground. The input current is limited to 600 mA (typical) when the output is shorted directly to
ground. When the LM2775 is current limiting, power dissipation in the device is likely to be quite high. In this
event, thermal cycling should be expected.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2775



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com