Electronic Components Datasheet Search
  English  ▼

X  

LM2775 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2775
Description  LM2775 Switched Capacitor 5-V Boost Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2775 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2775 Datasheet HTML 8Page - Texas Instruments LM2775 Datasheet HTML 9Page - Texas Instruments LM2775 Datasheet HTML 10Page - Texas Instruments LM2775 Datasheet HTML 11Page - Texas Instruments LM2775 Datasheet HTML 12Page - Texas Instruments LM2775 Datasheet HTML 13Page - Texas Instruments LM2775 Datasheet HTML 14Page - Texas Instruments LM2775 Datasheet HTML 15Page - Texas Instruments LM2775 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
VIN
EN
LM2775
GND
VOUT
C1+
C1-
10 2F
10 2F
PFM
OUTDIS
1 2F
Battery
Controller
System
5V @ 200mA
LM2775
SNVSA57 – MAY 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM2775 can create a 5-V system rail capable of delivering up to 200 mA of output current to the load. The 2-
MHz switched capacitor boost allows for the use of small value discrete external components.
8.2 Typical Application
Figure 19. Typical LM2775 Configuration
8.2.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.7 V to 5.5 V
Output current range
0 mA to 200 mA (Max. current will depend on VIN)
8.2.2 Detailed Design Procedure
8.2.2.1 Output Current Capability
The LM2775 provides 200 mA of output current when the input voltage is within 3.1 V to 5.5 V.
NOTE
Understanding relevant application issues is recommended and a thorough analysis of the
application circuit should be performed when using the part outside operating ratings
and/or specifications to ensure satisfactory circuit performance in the application. Special
care should be paid to power dissipation and thermal effects. These parameters can have
a dramatic impact on high-current applications, especially when the input voltage is high.
(see the Power Dissipation section).
The schematic of Figure 20 is a simplified model of the LM2775 that is useful for evaluating output current
capability. The model shows a linear pre-regulation block (Reg), a voltage doubler (2×), and an output resistance
(ROUT). Output resistance models the output voltage droop that is inherent to switched capacitor converters. The
output resistance of the LM2775 is 3.5
Ω (typical) and is approximately equal to twice the resistance of the four
LM2775 switches. When the output voltage is in regulation, the regulator in the model controls the voltage V' to
keep the output voltage equal to 5 V ± 4%. With increased output current, the voltage drop across ROUT
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM2775



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com