Electronic Components Datasheet Search
  English  ▼

X  

LM5017 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5017
Description  100-V, 600-mA Constant On-Time Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5017 Datasheet(HTML) 1 Page - Texas Instruments

  LM5017 Datasheet HTML 1Page - Texas Instruments LM5017 Datasheet HTML 2Page - Texas Instruments LM5017 Datasheet HTML 3Page - Texas Instruments LM5017 Datasheet HTML 4Page - Texas Instruments LM5017 Datasheet HTML 5Page - Texas Instruments LM5017 Datasheet HTML 6Page - Texas Instruments LM5017 Datasheet HTML 7Page - Texas Instruments LM5017 Datasheet HTML 8Page - Texas Instruments LM5017 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
+
+
+
VIN
BST
RON
RTN
SW
VCC
FB
VIN
VOUT
RFB1
RC
RUV1
RON
COUT
CBST
CIN
RFB2
RUV2
L1
UVLO
CVCC
LM5017
7.5V-100V
1
2
3
4
5
6
8
7
SD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM5017
SNVS783I – JANUARY 2012 – REVISED OCTOBER 2015
LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
1 Features
3 Description
The LM5017 is a 100-V, 600-mA synchronous step-
1
•
Wide 7.5-V to 100-V Input Range
down regulator with integrated high side and low side
•
Integrated 100-V High-Side,
MOSFETs. The constant on-time (COT) control
and Low-Side Switches
scheme employed in the LM5017 requires no loop
•
No Schottky Required
compensation, provides excellent transient response,
and enables very high step-down ratios. The on-time
•
Constant On-Time Control
varies inversely with the input voltage resulting in
•
No Loop Compensation Required
nearly constant frequency over the input voltage
•
Ultra-Fast Transient Response
range. A high voltage startup regulator provides bias
power for internal operation of the IC and for
•
Nearly Constant Operating Frequency
integrated gate drivers.
•
Intelligent Peak Current Limit
A peak current limit circuit protects against overload
•
Adjustable Output Voltage From 1.225 V
conditions. The undervoltage lockout (UVLO) circuit
•
Precision 2% Feedback Reference
allows
the
input
undervoltage
threshold
and
•
Frequency Adjustable to 1 MHz
hysteresis to be independently programmed. Other
protection features include thermal shutdown and
•
Adjustable Undervoltage Lockout (UVLO)
bias supply undervoltage lockout (VCC UVLO).
•
Remote Shutdown
The LM5017 device is available in WSON-8 and
•
Thermal Shutdown
HSOP PowerPAD-8 plastic packages.
•
Packages:
–
WSON-8
Device Information(1)
–
SO PowerPAD™-8
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SO PowerPAD (8)
4.89 mm × 3.90 mm
LM5017
2 Applications
WSON (8)
4.00 mm × 4.00 mm
•
Smart Power Meters
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Telecommunication Systems
•
Automotive Electronics
•
Isolated Bias Supply
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5017 TI1-LM5017 Datasheet
431Kb / 19P
100V, 600mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017 Datasheet
1Mb / 19P
600mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017 Datasheet
1Mb / 33P
LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5017MR TI1-LM5017MR Datasheet
431Kb / 19P
100V, 600mA Constant On-Time Synchronous Buck Regulator
LM5017MR/NOPB TI1-LM5017MR/NOPB Datasheet
1Mb / 33P
LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
More results

Similar Description - LM5017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5008A TI-LM5008A Datasheet
1Mb / 23P
100-V 350-mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
80V, 600 mA Constant On-Time Buck Switching Regulator
LM5018 TI1-LM5018_13 Datasheet
1Mb / 25P
100 V, 300 mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
100-V, 300-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019_15 Datasheet
1Mb / 27P
LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
100-mA Constant On-Time Synchronous Buck Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
80-V 600-mA Constant On-Time Buck Switching Regulator
LM5017 TI1-LM5017_17 Datasheet
1Mb / 33P
LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com