Electronic Components Datasheet Search
  English  ▼

X  

LM5017 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5017
Description  100-V, 600-mA Constant On-Time Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5017 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5017 Datasheet HTML 7Page - Texas Instruments LM5017 Datasheet HTML 8Page - Texas Instruments LM5017 Datasheet HTML 9Page - Texas Instruments LM5017 Datasheet HTML 10Page - Texas Instruments LM5017 Datasheet HTML 11Page - Texas Instruments LM5017 Datasheet HTML 12Page - Texas Instruments LM5017 Datasheet HTML 13Page - Texas Instruments LM5017 Datasheet HTML 14Page - Texas Instruments LM5017 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
+
VIN
UVLO
VIN
RUV1
CIN
RUV2
2
3
LM5017
LM5017
www.ti.com
SNVS783I – JANUARY 2012 – REVISED OCTOBER 2015
Feature Description (continued)
7.3.8 Synchronous Rectifier
The LM5017 provides an internal synchronous N-Channel MOSFET rectifier. This MOSFET provides a path for
the inductor current to flow when the high-side MOSFET is turned off.
The synchronous rectifier has no diode emulation mode, and is designed to keep the regulator in continuous
conduction mode even with light loads which would otherwise result in discontinuous operation.
7.3.9 Undervoltage Detector
The LM5017 device contains a dual level undervoltage lockout (UVLO) circuit. A summary of threshold voltages
and operational states is provided in Device Functional Modes . When the UVLO pin voltage is below 0.66 V, the
regulator is in a low current shutdown mode. When the UVLO pin voltage is greater than 0.66V but less than
1.225 V, the regulator is in standby mode. In standby mode the VCC bias regulator is active while the regulator
output is disabled. When the VCC pin exceeds the VCC undervoltage threshold and the UVLO pin voltage is
greater than 1.225 V, normal operation begins. An external set-point voltage divider from VIN to GND can be
used to set the minimum operating voltage of the regulator.
UVLO hysteresis is accomplished with an internal 20-
μA current source that is switched on or off into the
impedance of the set-point divider. When the UVLO threshold is exceeded, the current source is activated to
quickly raise the voltage at the UVLO pin. The hysteresis is equal to the value of this current times the resistance
RUV2.
If the UVLO pin is connected directly to the VIN pin, the regulator will begin operation once the VCC undervoltage
is satisfied.
Figure 11. UVLO Resistor Setting
7.3.10 Thermal Protection
The LM5017 device should be operated so the junction temperature does not exceed 150°C during normal
operation. An internal Thermal Shutdown circuit is provided to protect the LM5017 in the event of a higher than
normal junction temperature. When activated, typically at 165°C, the regulator is forced into a low power reset
state, disabling the buck switch and the VCC regulator. This feature prevents catastrophic failures from accidental
device overheating. When the junction temperature falls below 145°C (typical hysteresis = 20°C), the VCC
regulator is enabled, and normal operation is resumed.
7.3.11 Ripple Configuration
LM5017 uses Constant-On-Time (COT) control in which the on-time is terminated by an on-timer and the off-time
is terminated by the feedback voltage (VFB) falling below the reference voltage (VREF). Therefore, for stable
operation, the feedback voltage must decrease monotonically, in phase with the inductor current during the off-
time. Furthermore, this change in feedback voltage (VFB) during off-time must be larger than any noise
component present at the feedback node.
Table 1 shows three different methods for generating appropriate voltage ripple at the feedback node. Type 1
and Type 2 ripple circuits couple the ripple at the output of the converter to the feedback node (FB). The output
voltage ripple has two components:
1. Capacitive ripple caused by the inductor current ripple charging/discharging the output capacitor.
2. Resistive ripple caused by the inductor current ripple flowing through the ESR of the output capacitor.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com