Electronic Components Datasheet Search
  English  ▼

X  

LM5017 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5017
Description  100-V, 600-mA Constant On-Time Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5017 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5017 Datasheet HTML 15Page - Texas Instruments LM5017 Datasheet HTML 16Page - Texas Instruments LM5017 Datasheet HTML 17Page - Texas Instruments LM5017 Datasheet HTML 18Page - Texas Instruments LM5017 Datasheet HTML 19Page - Texas Instruments LM5017 Datasheet HTML 20Page - Texas Instruments LM5017 Datasheet HTML 21Page - Texas Instruments LM5017 Datasheet HTML 22Page - Texas Instruments LM5017 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
IL2
IOUT2
TON(MAX) x IOUT2
IL1
TON(MAX) x IOUT2 x N2/N1
OUT2
ON(MAX)
OUT1
OUT1
N2
I
T
N1
V
67 mV
C
§
·
u
u
¨
¸
©
¹
'
|
VOUT =
IL1
x f x COUT1
IN(MAX)
OUT
OUT
L1
SW
IN(MAX)
V
V
¦
V
L1
14.9 H
I
V

K

2

K
L1
OUT1
OUT2
N2
I
0.7 I
I
2
0.8 A
N1
§
·
'


u
u
¨
¸
©
¹
VOUT1
f

SW = .x RON
LM5017
www.ti.com
SNVS783I – JANUARY 2012 – REVISED OCTOBER 2015
8.2.2.2.4
Frequency Selection
Equation 24 is used to calculate the value of RON required to achieve the desired switching frequency.
(24)
Where K = 9 × 10–11
For VOUT1 of 10 V and fSW of 750 kHz, the calculated value of RON is 148 kΩ. A lower value of 130 kΩ is selected
for this design to allow for second order effects at high switching frequency that are not included in Equation 24.
8.2.2.2.5
Transformer Selection
A coupled inductor or a flyback-type transformer is required for this topology. Energy is transferred from primary
to secondary when the low-side synchronous switch of the buck converter is conducting.
The maximum inductor primary ripple current that can be tolerated without exceeding the buck switch peak
current limit threshold (0.7 A minimum) is given by Equation 25.
(25)
Using the maximum peak-to-peak inductor ripple current
ΔIL1 from Equation 25, the minimum inductor value is
given by Equation 26.
(26)
A higher value of 33 µH is selected to insure the high-side switch current does not exceed the minimum peak
current limit threshold. With this inductance, the inductor current ripple is
ΔIL1= 0.36 A at the maximum VIN.
8.2.2.2.6
Primary Output Capacitor
In a conventional buck converter the output ripple voltage is calculated as shown in Equation 27.
(27)
To limit the primary output ripple voltage
ΔVOUT1 to approximately 50 mV, an output capacitor COUT1 of 1.2 µF
would be required for a conventional buck.
Figure 18 shows the primary winding current waveform (IL1) of a Fly-Buck™ converter. The reflected secondary
winding current adds to the primary winding current during the buck switch off-time. Because of this increased
current, the output voltage ripple is not the same as in conventional buck converter. The output capacitor value
calculated in Equation 27 should be used as the starting point. Optimization of output capacitance over the entire
line and load range must be done experimentally. If the majority of the load current is drawn from the secondary
isolated output, a better approximation of the primary output voltage ripple is given by Equation 28.
(28)
Figure 18. Current Waveforms for COUT1 Ripple Calculation
A standard 1-µF, 25 V capacitor is selected for this design. If lower output voltage ripple is required, a higher
value should be selected for COUT1 and/or COUT2.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com