Electronic Components Datasheet Search
  English  ▼

X  

LM5017 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM5017
Description  100-V, 600-mA Constant On-Time Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5017 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5017 Datasheet HTML 16Page - Texas Instruments LM5017 Datasheet HTML 17Page - Texas Instruments LM5017 Datasheet HTML 18Page - Texas Instruments LM5017 Datasheet HTML 19Page - Texas Instruments LM5017 Datasheet HTML 20Page - Texas Instruments LM5017 Datasheet HTML 21Page - Texas Instruments LM5017 Datasheet HTML 22Page - Texas Instruments LM5017 Datasheet HTML 23Page - Texas Instruments LM5017 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Cr = 1000 pF
Cac = 0.1 2F
50 mV
RrCr @
(VIN (MIN) - VOUT) x TON
GND
Rr
Cac
Cr
R
To FB
R
L1
FB1
FB2
C OUT
V
OUT
COUT2
VOUT2 =
IOUT2 x TON (MAX)
IL2
IOUT2
TON(MAX) x IOUT2
LM5017
SNVS783I – JANUARY 2012 – REVISED OCTOBER 2015
www.ti.com
8.2.2.2.7
Secondary Output Capacitor
A simplified waveform for secondary output current (IOUT2) is shown in Figure 19.
Figure 19. Secondary Current Waveforms for COUT2 Ripple Calculation
The secondary output current (IOUT2) is sourced by COUT2 during on-time of the buck switch, TON. Ignoring the
current transition times in the secondary winding, the secondary output capacitor ripple voltage can be calculated
using Equation 29.
(29)
For a 1:1 transformer turns ratio, the primary and secondary voltage ripple equations are identical. Therefore,
COUT2 is chosen to be equal to COUT1 (1 µF) to achieve comparable ripple voltages on primary and secondary
outputs.
If lower output voltage ripple is required, a higher value should be selected for COUT1 and/or COUT2.
8.2.2.2.8
Type III Feedback Ripple Circuit
Type III ripple circuit as described in Ripple Configuration is required for the Fly-Buck topology. Type I and Type
II ripple circuits use series resistance and the triangular inductor ripple current to generate ripple at VOUT and the
FB pin. The primary ripple current of a Fly-Buck is the combination or primary and reflected secondary currents
as illustrated in Figure 18. In the Fly-Buck topology, Type I and Type II ripple circuits suffer from large jitter as the
reflected load current affects the feedback ripple.
Figure 20. Type III Ripple Circuit
Selecting the Type III ripple components using the equations from Ripple Configuration will ensure that the FB
pin ripple is be greater than the capacitive ripple from the primary output capacitor COUT1. The feedback ripple
component values are chosen as shown in Equation 30.
(30)
20
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM5017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com