Electronic Components Datasheet Search
  English  ▼

X  

LM5017 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM5017
Description  100-V, 600-mA Constant On-Time Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5017 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5017 Datasheet HTML 13Page - Texas Instruments LM5017 Datasheet HTML 14Page - Texas Instruments LM5017 Datasheet HTML 15Page - Texas Instruments LM5017 Datasheet HTML 16Page - Texas Instruments LM5017 Datasheet HTML 17Page - Texas Instruments LM5017 Datasheet HTML 18Page - Texas Instruments LM5017 Datasheet HTML 19Page - Texas Instruments LM5017 Datasheet HTML 20Page - Texas Instruments LM5017 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
NS
VOUT2 = VOUT1 x
NP
- VF
LM5017
www.ti.com
SNVS783I – JANUARY 2012 – REVISED OCTOBER 2015
8.2.1.3 Application Curves
Figure 14. Efficiency vs Load Current
Figure 15. Frequency vs Input Voltage
Figure 16. Typical Switching Waveform (Vin = 48 V, Iout = 200 mA)
8.2.2 Isolated DC-DC Converter Using LM5017
An isolated supply using LM5017 is shown in Figure 17. Inductor (L) in a typical buck circuit is replaced with a
coupled inductor (X1). A diode (D1) is used to rectify the voltage on a secondary output. The nominal voltage at
the secondary output (VOUT2) is given by Equation 20.
(20)
Where:
VF is the forward voltage drop of D1
NP and NS are the number of turns on the primary and secondary of coupled inductor X1.
For output voltage (VOUT1) more than one diode drop above the maximum VCC (8.55 V), the VCC pin can be diode
connected to VOUT1 for higher efficiency and low dissipation in the IC. See AN-2204 (SNVA611) for a complete
isolated bias design with LM5017.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com