Electronic Components Datasheet Search
  English  ▼

X  

LM5017 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5017
Description  100-V, 600-mA Constant On-Time Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5017 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5017 Datasheet HTML 12Page - Texas Instruments LM5017 Datasheet HTML 13Page - Texas Instruments LM5017 Datasheet HTML 14Page - Texas Instruments LM5017 Datasheet HTML 15Page - Texas Instruments LM5017 Datasheet HTML 16Page - Texas Instruments LM5017 Datasheet HTML 17Page - Texas Instruments LM5017 Datasheet HTML 18Page - Texas Instruments LM5017 Datasheet HTML 19Page - Texas Instruments LM5017 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
RUV2
VIN (UVLO,rising) = 1.225 V x
RUV1
+ 1
(
)
VIN(HYS) = IHYS x RUV2
IOUT(MAX)
CIN
4 x CSW x ûVIN
>
IN(MIN)
OUT
ON(VINMIN)
r
r
(V
V
) T
R
(25 mV C )
K
@
K
LM5017
SNVS783I – JANUARY 2012 – REVISED OCTOBER 2015
www.ti.com
Assuming VIN = 95 V and substituting ΔVripple = 10 mV gives COUT = 10.1 μF. A 22-μF standard value is selected
for COUT = C9. An X5R or X7R type capacitor with a voltage rating 16 V or higher should be selected.
8.2.1.2.5
Type III Ripple Circuit
Type III ripple circuit as described in Ripple Configuration is chosen for this example. For a constant on-time
converter to be stable, the injected in-phase ripple should be larger than the capacitive ripple on COUT.
Using the type III ripple circuit equation, the target ripple will be greater than the capacitive ripple generated at
the primary output if the following condition is satisfied:
Cr = C6 = 3300 pF
Cac = C8 = 100 nF
(16)
For TON, refer to Equation 3.
Ripple resistor Rr is calculated to be 57.6 kΩ. This value provides the minimum ripple for stable operation. A
smaller resistance should be selected to allow for variations in TON, COUT, and other components. Rr = R4 = 46.4
k
Ω is selected for this example application.
8.2.1.2.6
VCC and Bootstrap Capacitor
The VCC capacitor provides charge to bootstrap capacitor as well as internal circuitry and low side gate driver.
The Bootstrap capacitor provides charge to high side gate driver. The recommended value for CVCC = C7 = 1 μF.
A good value for CBST = C1 = 0.01 μF.
8.2.1.2.7
Input Capacitor
Input capacitor should be large enough to limit the input voltage ripple as shown in Equation 17.
(17)
Choosing a
ΔVIN = 0.5 V gives a minimum CIN = 1.3 μF. A standard value of 2.2 μF is selected for CIN = C4. The
input capacitor should be rated for the maximum input voltage under all conditions. A 100-V, X7R dielectric
should be selected for this design.
The input capacitor should be placed directly across VIN and RTN (pin 1 and 2) of the IC. If it is not possible to
place all of the input capacitor close to the IC, a 0.47-
μF capacitor should be placed near the IC to provide a
bypass path for the high frequency component of the switching current.
8.2.1.2.8
UVLO Resistors
The UVLO resistors RFB1 and RFB2 set the UVLO threshold and hysteresis according to the relationship shown in
Equation 18 and Equation 19.
(18)
(19)
Where:
IHYS = 20 μA
Setting UVLO hysteresis of 2.5 V and UVLO rising threshold of 12 V results in RUV1 = 14.53 kΩ and
RUV2 = 125 kΩ. Selecting standard values of RUV1 = R7 = 14 kΩ and RUV2 = R5 = 127 kΩ results in UVLO
threshold and hysteresis of 12.4 V and 2.5 V respectively.
16
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM5017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com