Electronic Components Datasheet Search
  English  ▼

X  

LM5017 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5017
Description  100-V, 600-mA Constant On-Time Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5017 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5017 Datasheet HTML 5Page - Texas Instruments LM5017 Datasheet HTML 6Page - Texas Instruments LM5017 Datasheet HTML 7Page - Texas Instruments LM5017 Datasheet HTML 8Page - Texas Instruments LM5017 Datasheet HTML 9Page - Texas Instruments LM5017 Datasheet HTML 10Page - Texas Instruments LM5017 Datasheet HTML 11Page - Texas Instruments LM5017 Datasheet HTML 12Page - Texas Instruments LM5017 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
FB
SW
L1
COUT
RFB2
VOUT
RC
LM5017
+
RFB1
VOUT
(low ripple)
RFB2 + RFB1
VOUT = 1.225V x
RFB1
VOUT
CSW =
K x RON
LM5017
www.ti.com
SNVS783I – JANUARY 2012 – REVISED OCTOBER 2015
7.3 Feature Description
7.3.1 Control Overview
The LM5017 buck regulator employs a control principle based on a comparator and a one-shot on-timer, with the
output voltage feedback (FB) compared to an internal reference (1.225 V). If the FB voltage is below the
reference the internal buck switch is turned on for the one-shot timer period, which is a function of the input
voltage and the programming resistor (RON). Following the on-time the switch remains off until the FB voltage
falls below the reference, but never before the minimum off-time forced by the minimum off-time one-shot timer.
When the FB pin voltage falls below the reference and the minimum off-time one-shot period expires, the buck
switch is turned on for another on-time one-shot period. This will continue until regulation is achieved and the FB
voltage is approximately equal to 1.225 V (typ).
In a synchronous buck converter, the low side (sync) FET is ‘on’ when the high side (buck) FET is ‘off’. The
inductor current ramps up when the high side switch is ‘on’ and ramps down when the high side switch is ‘off’.
There is no diode emulation feature in this IC, and therefore, the inductor current may ramp in the negative
direction at light load. This causes the converter to operate in continuous conduction mode (CCM) regardless of
the output loading. The operating frequency remains relatively constant with load and line variations. The
operating frequency can be calculated as shown in Equation 1.
(1)
Where:
K = 9 x 10–11
The output voltage (VOUT) is set by two external resistors (RFB1, RFB2). The regulated output voltage is calculated
as shown in Equation 2.
(2)
This regulator regulates the output voltage based on ripple voltage at the feedback input, requiring a minimum
amount of ESR for the output capacitor (COUT). A minimum of 25 mV of ripple voltage at the feedback pin (FB) is
required for the LM5017. In cases where the capacitor ESR is too small, additional series resistance may be
required (RC in Figure 10).
For applications where lower output voltage ripple is required the output can be taken directly from a low ESR
output capacitor, as shown in Figure 10. However, RC slightly degrades the load regulation.
Figure 10. Low Ripple Output Configuration
7.3.2 VCC Regulator
The LM5017 device contains an internal high voltage linear regulator with a nominal output of 7.6 V. The input
pin (VIN) can be connected directly to the line voltages up to 100 V. The VCC regulator is internally current limited
to 30 mA. The regulator sources current into the external capacitor at VCC. This regulator supplies current to
internal circuit blocks including the synchronous MOSFET driver and the logic circuits. When the voltage on the
VCC pin reaches the undervoltage lockout (VCC UVLO) threshold of 4.5 V, the IC is enabled.
An internal diode connected from VCC to the BST pin replenishes the charge in the gate drive bootstrap capacitor
when SW pin is low.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com