Electronic Components Datasheet Search
  English  ▼

X  

LM5017 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5017
Description  100-V, 600-mA Constant On-Time Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5017 Datasheet(HTML) 3 Page - Texas Instruments

  LM5017 Datasheet HTML 1Page - Texas Instruments LM5017 Datasheet HTML 2Page - Texas Instruments LM5017 Datasheet HTML 3Page - Texas Instruments LM5017 Datasheet HTML 4Page - Texas Instruments LM5017 Datasheet HTML 5Page - Texas Instruments LM5017 Datasheet HTML 6Page - Texas Instruments LM5017 Datasheet HTML 7Page - Texas Instruments LM5017 Datasheet HTML 8Page - Texas Instruments LM5017 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
SW
BST
VCC
FB
8
7
6
5
1
2
3
4
UVLO
RON
RTN
VIN
WSON-8
Exp Pad
UVLO
3
RON
4
RTN
1
VIN
2
8
SW
7
BST
6
VCC
5
FB
SO
PowePAD-8
Exp Pad
LM5017
www.ti.com
SNVS783I – JANUARY 2012 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
8-Pin SO PowerPAD
DDA Package
Top View
8-Pin WSON
NGU Package
Top View
Pin Functions
PIN
I/O
DESCRIPTION
APPLICATION INFORMATION
NO.
NAME
1
RTN
—
Ground
Ground connection of the integrated circuit.
2
VIN
I
Input Voltage
Operating input range is 7.5 V to 100 V.
Resistor divider from VIN to UVLO to GND programs the
undervoltage detection threshold. An internal current source is
Input Pin of Undervoltage
3
UVLO
I
enabled when UVLO is above 1.225 V to provide hysteresis. When
Comparator
UVLO pin is pulled below 0.66 V externally, the regulator is in
shutdown mode.
A resistor between this pin and VIN sets the buck switch on-time as
4
RON
I
On-Time Control
a function of VIN. Minimum recommended on-time is 100 ns at max
input voltage.
This pin is connected to the inverting input of the internal regulation
5
FB
I
Feedback
comparator. The regulation level is 1.225 V.
Output from the Internal High
The internal VCC regulator provides bias supply for the gate drivers
6
VCC
O
Voltage Series Pass Regulator.
and other internal circuitry. A 1.0
μF decoupling capacitor is
Regulated at 7.6 V
recommended.
An external capacitor is required between the BST and SW pins
7
BST
I
Bootstrap Capacitor
(0.01-
μF ceramic). The BST pin capacitor is charged by the VCC
regulator through an internal diode when the SW pin is low.
Power switching node. Connect to the output inductor and
8
SW
O
Switching Node
bootstrap capacitor.
Exposed pad must be connected to the RTN pin. Solder to the
EP
—
Exposed Pad
system ground plane on application board for reduced thermal
resistance.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com