Electronic Components Datasheet Search
  English  ▼

X  

LM5019 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5019
Description  100-V, 100-mA Constant On-Time Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5019 Datasheet(HTML) 4 Page - Texas Instruments

  LM5019 Datasheet HTML 1Page - Texas Instruments LM5019 Datasheet HTML 2Page - Texas Instruments LM5019 Datasheet HTML 3Page - Texas Instruments LM5019 Datasheet HTML 4Page - Texas Instruments LM5019 Datasheet HTML 5Page - Texas Instruments LM5019 Datasheet HTML 6Page - Texas Instruments LM5019 Datasheet HTML 7Page - Texas Instruments LM5019 Datasheet HTML 8Page - Texas Instruments LM5019 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM5019
SNVS788F – JANUARY 2012 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VIN, UVLO to RTN
–0.3
100
V
SW to RTN
–1.5
VIN + 0.3
V
SW to RTN (100 ns transient)
–5
VIN + 0.3
V
BST to VCC
100
V
BST to SW
13
V
RON to RTN
–0.3
100
V
VCC to RTN
–0.3
13
V
FB to RTN
–0.3
5
V
Lead Temperature(2)
200
°C
Maximum Junction Temperature(3)
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Recommended Operating Conditions are
conditions under which operation of the device is intended to be functional. For verified specifications and test conditions, see Electrical
Characteristics . The RTN pin is the GND reference electrically connected to the substrate.
(2)
For detailed information on soldering plastic PowerPAD package, refer to PowerPAD™ Layout Guidelines (SLOA120). Maximum solder
time not to exceed 4 seconds.
(3)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±750
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN Voltage
7.5
100
V
Operating Junction Temperature(2)
–40
125
°C
(1)
Recommended Operating Conditions are conditions under the device is intended to be functional. For specifications and test conditions,
see Electrical Characteristics .
(2)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
6.4 Thermal Information
LM5019
THERMAL METRIC(1)
WSON NGU
SO PowerPAD DDA
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
41.3
41.1
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
3.2
2.4
°C/W
ΨJB
Junction-to-board thermal characteristic parameter
19.2
24.4
°C/W
RθJB
Junction-to-board thermal resistance
19.1
30.6
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
34.7
37.3
°C/W
ΨJT
Junction-to-top thermal characteristic parameter
0.3
6.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
4
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LM5019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com