Electronic Components Datasheet Search
  English  ▼

X  

LM5019 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM5019
Description  100-V, 100-mA Constant On-Time Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5019 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5019 Datasheet HTML 13Page - Texas Instruments LM5019 Datasheet HTML 14Page - Texas Instruments LM5019 Datasheet HTML 15Page - Texas Instruments LM5019 Datasheet HTML 16Page - Texas Instruments LM5019 Datasheet HTML 17Page - Texas Instruments LM5019 Datasheet HTML 18Page - Texas Instruments LM5019 Datasheet HTML 19Page - Texas Instruments LM5019 Datasheet HTML 20Page - Texas Instruments LM5019 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
+
+
+
+
VIN
BST
RON
RTN
SW
VCC
FB
UVLO
VIN
VOUT1
VOUT2
RFB1
RUV1
RON
COUT1
CBST
D1
CIN
COUT2
RFB2
RUV2
X1
Rr
N1
N2
LM5019
CVCC
+
D2
20V-95V
Cr
Cac
+
CBYP
127 k
8.25 k
1 µF
0.1 µF
130 k
0.01 µF
1 µF
0.1 µF
7.32 k
1 k
1 µF
1 µF
1 nF
46.4 k
150 µH
LM5019
www.ti.com
SNVS788F – JANUARY 2012 – REVISED DECEMBER 2014
8.2.1.3 Application Curves
Figure 15. Frequency vs Input Voltage
Figure 14. Efficiency vs Load Current
Figure 16. Typical Switching Waveform (VIN = 48 V, IOUT = 100 mA)
8.2.2 Application Circuit: 20 V to 95 V Input and 10 V, 100 mA Output Isolated Fly-Buck™ Converter
Figure 17. Isolated Fly-Buck Converter Using LM5019
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com