Electronic Components Datasheet Search
  English  ▼

X  

LM5019 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5019
Description  100-V, 100-mA Constant On-Time Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5019 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5019 Datasheet HTML 15Page - Texas Instruments LM5019 Datasheet HTML 16Page - Texas Instruments LM5019 Datasheet HTML 17Page - Texas Instruments LM5019 Datasheet HTML 18Page - Texas Instruments LM5019 Datasheet HTML 19Page - Texas Instruments LM5019 Datasheet HTML 20Page - Texas Instruments LM5019 Datasheet HTML 21Page - Texas Instruments LM5019 Datasheet HTML 22Page - Texas Instruments LM5019 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
IL2
IOUT2
TON(MAX) x IOUT2
IL2
IOUT2
TON(MAX) x IOUT2
IL1
TON(MAX) x IOUT2 x N2/N1
OUT2
ON(MAX)
OUT1
OUT1
N2
I
T
N1
V
67mV
C
æ
ö
´
´
ç
÷
è
ø
D
=
»
VOUT =
IL1
x f x COUT1
IN(MAX)
OUT
OUT
L1
SW
IN(MAX)
V
V
V
L1
119.3 H
I
f
V
-
=
´
=
m
D
´
L1
OUT1
OUT2
N2
I
0.15
I
I
2
0.1 A
N1
æ
ö
D
=
-
-
´
´
=
ç
÷
è
ø
LM5019
www.ti.com
SNVS788F – JANUARY 2012 – REVISED DECEMBER 2014
(19)
Using the maximum peak-to-peak inductor ripple current
ΔIL1 from Equation 19, the minimum inductor value is
given by Equation 20.
(20)
A higher value of 150 µH is selected to insure the high-side switch current does not exceed the minimum peak
current limit threshold.
8.2.2.2.6
Primary Output Capacitor
In a conventional buck converter the output ripple voltage is calculated as shown in Equation 21.
(21)
To limit the primary output ripple voltage
ΔVOUT1 to approximately 50 mV, an output capcitor COUT1 of 0.33 µF is
required.
Figure 18 shows the primary winding current waveform (IL1) of a Fly-Buck converter. The reflected secondary
winding current adds to the primary winding current during the buck switch off-time. Because of this increased
current, the output voltage ripple is not the same as in conventional buck converter. The output capacitor value
calculated in Equation 21 should be used as the starting point. Optimization of output capacitance over the entire
line and load range must be done experimentally. If the majority of the load current is drawn from the secondary
isolated output, a better approximation of the primary output voltage ripple is given by Equation 22.
(22)
Figure 18. Current Waveforms for COUT1 Ripple Calculation
A standard 1-µF, 25 V capacitor is selected for this design. If lower output voltage ripple is required, a higher
value should be selected for COUT1 and/or COUT2.
8.2.2.2.7
Secondary Output Capacitor
A simplified waveform for secondary output current (IOUT2) is shown in Figure 19.
Figure 19. Secondary Current Waveforms for COUT2 Ripple Calculation
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com