Electronic Components Datasheet Search
  English  ▼

X  

LM5019 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5019
Description  100-V, 100-mA Constant On-Time Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5019 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5019 Datasheet HTML 12Page - Texas Instruments LM5019 Datasheet HTML 13Page - Texas Instruments LM5019 Datasheet HTML 14Page - Texas Instruments LM5019 Datasheet HTML 15Page - Texas Instruments LM5019 Datasheet HTML 16Page - Texas Instruments LM5019 Datasheet HTML 17Page - Texas Instruments LM5019 Datasheet HTML 18Page - Texas Instruments LM5019 Datasheet HTML 19Page - Texas Instruments LM5019 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
RUV2
VIN (UVLO,rising) = 1.225V x
RUV1
+ 1
(
)
VIN(HYS) = IHYS x RUV2
IOUT(MAX)
CIN
8 x CSW x ûVIN
>
ûIL(MIN)
25 mV
RC
Csw(RFB2||RFB1)
>
5
C >
LM5019
SNVS788F – JANUARY 2012 – REVISED DECEMBER 2014
www.ti.com
Using type II ripple circuit equations with minimum FB pin ripple of 25 mV, the values of the series resistor RC
and ac coupling capacitor Cac can calculated.
(11)
Assuming RFB2 = 6.98 kΩ and RFB1 = 1 kΩ, the calculated minimum value of Cac is 0.013 µF. A standard value of
0.1 µF is selected for Cac = C8. The value of the series output resistor RC is calculated for the minimum input
voltage condition when the inductor ripple current as at a minimum. Using Equation 9 and assuming VIN = 12.5
V, the minimum inductor ripple current is 27 mA. The calculated minimum value of RC is 0.93 Ω. A standard
value of 1.5
Ω is selected for RC = R2 to provide additional ripple for stable switching at low VIN.
8.2.1.2.6
VCC and Bootstrap Capacitor
The VCC capacitor provides charge to bootstrap capacitor as well as internal circuitry and low side gate driver.
The bootstrap capacitor provides charge to high side gate driver. The recommended value for CVCC = C7 is 1 μF.
A good value for CBST = C1 is 0.01 μF.
8.2.1.2.7
Input Capacitor
Input capacitor should be large enough to limit the input voltage ripple shown in Equation 12.
(12)
Choosing a
ΔVIN = 0.5 V gives a minimum CIN = 0.06 μF. A standard value of 1.0 μF is selected for CIN = C4.
The input capacitor should be rated for the maximum input voltage under all conditions. A 50-V, X7R dielectric
should be selected for this design.
Input capacitor should be placed directly across VIN and RTN (pin 2 and 1) of the IC. If it is not possible to place
all of the input capacitor close to the IC, a 0.1-
μF capacitor should be placed near the IC to provide a bypass
path for the high frequency component of the switching current. This helps limit the switching noise.
8.2.1.2.8
UVLO
The UVLO resistors RUV1 and RUV2 set the UVLO threshold and hysteresis according to Equation 13 and
Equation 14.
(13)
(14)
Where IHYS = 20 µA. For UVLO hysteresis of 2.5 Vand UVLO rising threshold of 12 V the calculated values of the
UVLO resistors are RUV2 = 127 k
Ω and RUV1 = 14.5 kΩ. Selecting standard values for RUV1 = R7 = 14 kΩ and
RUV2 = R5 = 127 kΩ results in UVLO rising threshold of 12.5 V and hysteresis of 2.5 V.
16
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LM5019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com