Electronic Components Datasheet Search
  English  ▼

X  

LM5019 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM5019
Description  100-V, 100-mA Constant On-Time Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5019 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5019 Datasheet HTML 14Page - Texas Instruments LM5019 Datasheet HTML 15Page - Texas Instruments LM5019 Datasheet HTML 16Page - Texas Instruments LM5019 Datasheet HTML 17Page - Texas Instruments LM5019 Datasheet HTML 18Page - Texas Instruments LM5019 Datasheet HTML 19Page - Texas Instruments LM5019 Datasheet HTML 20Page - Texas Instruments LM5019 Datasheet HTML 21Page - Texas Instruments LM5019 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
VOUT1
f

SW = .x RON
x RFB1 = 7.16 k:
VOUT1
:RFB2 = 1.225 -1)
(
)
RFB2
VOUT1 = 1.225V x (
RFB1
1

+
OUT(MAX)
OUT1
OUT2
N2
I
I
I
0.1 A
N1
=
+
´
=
LM5019
SNVS788F – JANUARY 2012 – REVISED DECEMBER 2014
www.ti.com
8.2.2.1 Design Requirements
Selection of external components is illustrated through a design example. The design example specifications are
shown in Table 3.
Table 3. Buck Converter Design Specifications
DESIGN PARAMETERS
VALUE
Input Voltage Range
20 V to 95 V
Primary Output Voltage
10 V
Secondary (Isolated) Output Voltage
9.5 V
Maximum Output Current (Primary + Secondary)
100 mA
Maximum Power Output
1 W
Nominal Switching Frequency
750 kHz
8.2.2.2 Detailed Design Procedure
8.2.2.2.1
Transformer Turns Ratio
The transformer turns ratio is selected based on the ratio of the primary output voltage to the secondary
(isolated) output voltage. In this design example, the two outputs are nearly equal and a 1:1 turns ratio
transformer is selected. Therefore, N2 / N1 = 1.
If the secondary (isolated) output voltage is significantly higher or lower than the primary output voltage, a turns
ratio less than or greater than 1 is recommended. The primary output voltage is normally selected based on the
input voltage range such that the duty cycle of the converter does not exceed 50% at the minimum input voltage.
This condition is satisfied if VOUT1 < VIN_MIN / 2.
8.2.2.2.2
Total IOUT
The total primary referred load current is calculated by multiplying the isolated output load(s) by the turns ratio of
the transformer as shown in Equation 15.
(15)
8.2.2.2.3
RFB1, RFB2
The feedback resistors are selected to set the primary output voltage. The selected value for RFB1 is 1 kΩ. RFB2
can be calculated using the following equations to set VOUT1 to the specified value of 10 V. A standard resistor
value of 7.32 k
Ω is selected for RFB2.
(16)
(17)
8.2.2.2.4
Frequency Selection
Equation 18 is used to calculate the value of RON required to achieve the desired switching frequency.
(18)
Where K = 9 × 10–11
For VOUT1 of 10 V and fSW of 750 kHz, the calculated value of RON is 148 kΩ. A lower value of 130 kΩ is selected
for this design to allow for second order effects at high switching frequency that are not included in Equation 1.
8.2.2.2.5
Transformer Selection
A coupled inductor or a flyback-type transformer is required for this topology. Energy is transferred from primary
to secondary when the low-side synchronous switch of the buck converter is conducting.
The maximum inductor primary ripple current that can be tolerated without exceeding the buck switch peak
current limit threshold (0.15 A minimum) is given by Equation 19.
18
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LM5019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com