Electronic Components Datasheet Search
  English  ▼

X  

LM5019 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5019
Description  100-V, 100-mA Constant On-Time Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5019 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5019 Datasheet HTML 8Page - Texas Instruments LM5019 Datasheet HTML 9Page - Texas Instruments LM5019 Datasheet HTML 10Page - Texas Instruments LM5019 Datasheet HTML 11Page - Texas Instruments LM5019 Datasheet HTML 12Page - Texas Instruments LM5019 Datasheet HTML 13Page - Texas Instruments LM5019 Datasheet HTML 14Page - Texas Instruments LM5019 Datasheet HTML 15Page - Texas Instruments LM5019 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
RFB1 x RFB2
RFB1 + RFB2
tS = C1 x (R2 +
)
RFB1 x RFB2
R2 x (RFB1 + RFB2) + RFB1 x RFB2
VFB = (VCC - VD) x
ûIL(MIN)
25 mV
RC
Csw(RFB2||RFB1)
>
5
C >
Cr = 3300 pF
RrCr <
Cac = 100 nF
(VIN(MIN) - VOUT) x TON
25 mV
25 mV
RC
ûIL(MIN)
VOUT
VREF
x
>
GND
To FB
L1
COUT
RFB2
RFB1
VOUT
RC
GND
To FB
L1
COUT
RFB2
RFB1
VOUT
RC
Cac
C
OUT
VOUT
GND
Rr
Cac
Cr
To FB
RFB2
RFB1
L1
LM5019
SNVS788F – JANUARY 2012 – REVISED DECEMBER 2014
www.ti.com
Feature Description (continued)
The capacitive ripple is not in phase with the inductor current. As a result, the capacitive ripple does not
decrease monotonically during the off-time. The resistive ripple is in phase with the inductor current and
decreases monotonically during the off-time. The resistive ripple must exceed the capacitive ripple at the output
node (VOUT) for stable operation. If this condition is not satisfied unstable switching behavior is observed in COT
converters, with multiple on-time bursts in close succession followed by a long off-time.
Type 3 ripple method uses Rr and Cr and the switch node (SW) voltage to generate a triangular ramp. This
triangular ramp is ac coupled using Cac to the feedback node (FB). Since this circuit does not use the output
voltage ripple, it is ideally suited for applications where low output voltage ripple is required. See AN-1481
Controlling Output Ripple and Achieving ESR Independence in Constant On-Time (COT) Regulator Designs
(SNVA166) for more details for each ripple generation method.
Table 1. Ripple Configuration
TYPE 1
TYPE 2
TYPE 3
LOWEST COST CONFIGURATION
REDUCED RIPPLE CONFIGURATION
MINIMUM RIPPLE CONFIGURATION
7.3.12 Soft-Start
A soft-start feature can be implemented with the LM5019 using an external circuit. As shown in Figure 12, the
soft-start circuit consists of one capacitor, C1, two resistors, R1 and R2, and a diode, D. During the initial start-up,
the VCC voltage is established prior to the VOUT voltage. Capacitor C1 is discharged and D is thereby forward
biased. The FB voltage exceeds the reference voltage (1.225 V) and switching is therefore disabled. As capacitor
C1 charges, the voltage at node B gradually decreases and switching commences. VOUT will gradually rise to
maintain the FB voltage at the reference voltage. Once the voltage at node B is less than a diode drop above the
FB voltage, the soft-start sequence is finished and D is reverse biased.
During the initial part of the start-up, the FB voltage can be approximated as follows. Please note that the effect
of R1 has been ignored to simplify the calculation shown in .
C1 is charged after the first start up. Diode D1 is optional and can be added to discharge C1 and initialize the
soft-start sequence when the input voltage experiences a momentary drop.
To achieve the desired soft-start, the following design guidance is recommended:
(1) R2 is selected so that VFB is higher than 1.225 V for a VCC of 4.5 V, but is lower than 5 V when VCC is 8.55 V.
If an external VCC is used, VFB should not exceed 5 V at maximum VCC.
(2) C1 is selected to achieve the desired start-up time that can be determined as shown in .
12
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LM5019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com