Electronic Components Datasheet Search
  English  ▼

X  

LM5019 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5019
Description  100-V, 100-mA Constant On-Time Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5019 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5019 Datasheet HTML 7Page - Texas Instruments LM5019 Datasheet HTML 8Page - Texas Instruments LM5019 Datasheet HTML 9Page - Texas Instruments LM5019 Datasheet HTML 10Page - Texas Instruments LM5019 Datasheet HTML 11Page - Texas Instruments LM5019 Datasheet HTML 12Page - Texas Instruments LM5019 Datasheet HTML 13Page - Texas Instruments LM5019 Datasheet HTML 14Page - Texas Instruments LM5019 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
+
VIN
UVLO
VIN
RUV1
CIN
RUV2
2
3
LM5019
LM5019
www.ti.com
SNVS788F – JANUARY 2012 – REVISED DECEMBER 2014
Feature Description (continued)
7.3.8 Synchronous Rectifier
The LM5019 provides an internal synchronous N-Channel MOSFET rectifier. This MOSFET provides a path for
the inductor current to flow when the high-side MOSFET is turned off.
The synchronous rectifier has no diode emulation mode, and is designed to keep the regulator in continuous
conduction mode even during light loads which would otherwise result in discontinuous operation.
7.3.9 Undervoltage Detector
The LM5019 contains a dual level Undervoltage Lockout (UVLO) circuit. When the UVLO pin voltage is below
0.66 V, the controller is in a low current shutdown mode. When the UVLO pin voltage is greater than 0.66 V but
less than 1.225 V, the controller is in standby mode. In standby mode the VCC bias regulator is active while the
regulator output is disabled. When the VCC pin exceeds the VCC undervoltage threshold and the UVLO pin
voltage is greater than 1.225 V, normal operation begins. An external set-point voltage divider from VIN to GND
can be used to set the minimum operating voltage of the regulator.
UVLO hysteresis is accomplished with an internal 20-
μA current source that is switched on or off into the
impedance of the set-point divider. When the UVLO threshold is exceeded, the current source is activated to
quickly raise the voltage at the UVLO pin. The hysteresis is equal to the value of this current times the resistance
RUV2.
If the UVLO pin is wired directly to the VIN pin, the regulator will begin operation once the VCC undervoltage is
satisfied.
Figure 11. UVLO Resistor Setting
7.3.10 Thermal Protection
The LM5019 should be operated so the junction temperature does not exceed 150°C during normal operation.
An internal Thermal Shutdown circuit is provided to protect the LM5019 in the event of a higher than normal
junction temperature. When activated, typically at 165°C, the controller is forced into a low power reset state,
disabling the buck switch and the VCC regulator. This feature prevents catastrophic failures from accidental
device overheating. When the junction temperature reduces below 145°C (typical hysteresis = 20°C), the VCC
regulator is enabled, and normal operation is resumed.
7.3.11 Ripple Configuration
LM5019 uses Constant-On-Time (COT) control scheme, in which the on-time is terminated by an on-timer, and
the off-time is terminated by the feedback voltage (VFB) falling below the reference voltage (VREF). Therefore, for
stable operation, the feedback voltage must decrease monotonically, in phase with the inductor current during
the off-time. Furthermore, this change in feedback voltage (VFB) during off-time must be large enough to
suppress any noise component present at the feedback node.
Table 1 shows three different methods for generating appropriate voltage ripple at the feedback node. Type 1
and Type 2 ripple circuits couple the ripple at the output of the converter to the feedback node (FB). The output
voltage ripple has two components:
1. Capacitive ripple caused by the inductor current ripple charging/discharging the output capacitor.
2. Resistive ripple caused by the inductor current ripple flowing through the ESR of the output capacitor.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com