Electronic Components Datasheet Search
  English  ▼

X  

LMZ12003EXT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ12003EXT
Description  3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12003EXT Datasheet(HTML) 4 Page - Texas Instruments

  LMZ12003EXT Datasheet HTML 1Page - Texas Instruments LMZ12003EXT Datasheet HTML 2Page - Texas Instruments LMZ12003EXT Datasheet HTML 3Page - Texas Instruments LMZ12003EXT Datasheet HTML 4Page - Texas Instruments LMZ12003EXT Datasheet HTML 5Page - Texas Instruments LMZ12003EXT Datasheet HTML 6Page - Texas Instruments LMZ12003EXT Datasheet HTML 7Page - Texas Instruments LMZ12003EXT Datasheet HTML 8Page - Texas Instruments LMZ12003EXT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LMZ12003EXT
SNVS663H – JUNE 2010 – REVISED AUGUST 2015
www.ti.com
6.3 Recommended Operating Ratings
MIN
MAX
UNIT
VIN
4.5
20
V
EN
0
6.5
V
Operation Junction Temperature
−55
125
°C
6.4 Thermal Information
LMZ12003EXT
THERMAL METRIC(1)
NDW
UNIT
7 PINS
4-layer JEDEC Printed-Circuit-Board, 100 vias, No air
19.3
Junction-to-ambient thermal
flow
RθJA
(2)
°C/W
resistance
2-layer JEDEC Printed-Circuit-Board, No air flow
21.5
Junction-to-case (top) thermal
RθJC(top)
No air flow
1.9
°C/W
resistance
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
RθJA measured on a 1.705-in × 3.0-in 4-layer board, with one ounce copper, thirty five thermal vias, no air flow, and 1-W power
dissipation. Refer to PCB layout diagrams.
6.5 Electrical Characteristics
Limits in standard type are for TJ = 25°C unless otherwise specified. Minimum and Maximum limits are ensured through test,
design or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. Unless otherwise stated the following conditions apply: VIN = 12 V, VOUT = 1.8 V
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS
ENABLE CONTROL
VEN
1.18
EN threshold trip point
VEN rising
V
over the junction temperature
1.1
1.26
(TJ) range of –55°C to +125°C
VEN-HYS
EN threshold hysteresis
VEN falling
90
mV
SOFT-START
ISS
8
SS source current
VSS = 0 V
µA
over the junction temperature
4.9
11
(TJ) range of –55°C to +125°C
ISS-DIS
SS discharge current
–200
µA
CURRENT LIMIT
4.2
DC average
ICL
Current limit threshold
A
over the junction temperature
VIN= 12 V to 20 V
3.15
5.3
(TJ) range of –55°C to +125°C
ON/OFF TIMER
tON-MIN
ON timer minimum pulse
150
ns
width
tOFF
OFF timer pulse width
260
ns
(1)
Minimum and Maximum limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through
correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate Texas Instruments' Average Outgoing Quality
Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric normal.
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMZ12003EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com