Electronic Components Datasheet Search
  English  ▼

X  

LMZ12003EXT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ12003EXT
Description  3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12003EXT Datasheet(HTML) 5 Page - Texas Instruments

  LMZ12003EXT Datasheet HTML 1Page - Texas Instruments LMZ12003EXT Datasheet HTML 2Page - Texas Instruments LMZ12003EXT Datasheet HTML 3Page - Texas Instruments LMZ12003EXT Datasheet HTML 4Page - Texas Instruments LMZ12003EXT Datasheet HTML 5Page - Texas Instruments LMZ12003EXT Datasheet HTML 6Page - Texas Instruments LMZ12003EXT Datasheet HTML 7Page - Texas Instruments LMZ12003EXT Datasheet HTML 8Page - Texas Instruments LMZ12003EXT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LMZ12003EXT
www.ti.com
SNVS663H – JUNE 2010 – REVISED AUGUST 2015
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C unless otherwise specified. Minimum and Maximum limits are ensured through test,
design or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. Unless otherwise stated the following conditions apply: VIN = 12 V, VOUT = 1.8 V
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
REGULATION AND OVERVOLTAGE COMPARATOR
0.793
VSS >+ 0.8 V
TJ = –55°C to 125°C
V
over the junction temperature
0.773
0.813
IO = 3 A
In-regulation feedback
(TJ) range of –55°C to +125°C
VFB
voltage
VSS >+ 0.8 V
TJ = 25°C
0.784
0.8
0.816
V
IO = 10 mA
Feedback overvoltage
VFB-OV
0.92
V
protection threshold
Feedback input bias
IFB
5
nA
current
Non-switching input
IQ
VFB= 0.86 V
1
mA
current
Shutdown quiescent
ISD
VEN= 0 V
25
μA
current
THERMAL CHARACTERISTICS
TSD
Thermal shutdown
Rising
165
°C
TSD-HYST
Thermal shutdown
Falling
15
°C
hysteresis
PERFORMANCE PARAMETERS(3)
ΔVO
Output voltage ripple
8
mVPP
ΔVO/ΔVIN
Line regulation
VIN = 8 V to 20 V, IO= 3 A
0.01%
ΔVO/ΔVIN
Load regulation
VIN = 12 V
1.5
mV/A
VIN = 12 V, VO = 1.8 V, IO = 1 A
87%
η
Efficiency
VIN = 12 V, VO = 1.8 V, IO = 3 A
77%
(3)
EN 55022:2006, +A1:2007, FCC Part 15 Subpart B: 2007. See AN-2024 SNVA422 and layout for information on device under test.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ12003EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com