Electronic Components Datasheet Search
  English  ▼

X  

LMZ12003EXT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ12003EXT
Description  3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12003EXT Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMZ12003EXT Datasheet HTML 16Page - Texas Instruments LMZ12003EXT Datasheet HTML 17Page - Texas Instruments LMZ12003EXT Datasheet HTML 18Page - Texas Instruments LMZ12003EXT Datasheet HTML 19Page - Texas Instruments LMZ12003EXT Datasheet HTML 20Page - Texas Instruments LMZ12003EXT Datasheet HTML 21Page - Texas Instruments LMZ12003EXT Datasheet HTML 22Page - Texas Instruments LMZ12003EXT Datasheet HTML 23Page - Texas Instruments LMZ12003EXT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
LMZ12003EXT
SNVS663H – JUNE 2010 – REVISED AUGUST 2015
www.ti.com
Layout Examples (continued)
Figure 30. Bottom View of Evaluation PCB
10.3 Power Dissipation and Thermal Considerations
For the design case of VIN = 12 V, VO = 3.3 V, IO = 3 A, TAMB(MAX) = 85°C, and TJUNCTION = 125°C, the device
must see a thermal resistance from case to ambient of less than:
RθCA< (TJ-MAX – TAMB(MAX)) / PIC-LOSS – RθJC
(15)
Given the typical thermal resistance from junction to case to be 1.9°C/W. Use the 85°C power dissipation curves
in the Typical Characteristics section to estimate the PIC-LOSS for the application being designed. In this
application it is 2.25 W
RθCA< (125 – 85) / 2.25 W –1.9 = 15.8
To reach RθCA = 15.8, the PCB is required to dissipate heat effectively. With no airflow and no external heat, a
good estimate of the required board area covered by 1 oz. copper on both the top and bottom metal layers is:
Board Area_cm
2 > 500°C × cm2/W / R
θJC
(16)
As a result, approximately 31 square cm of 1-oz. copper on top and bottom layers is required for the PCB
design. The PCB copper heat sink must be connected to the exposed pad. Approximately thirty six, 8 mils
thermal vias spaced 59 mils (1.5 mm) apart must connect the top copper to the bottom copper. For an example
of a high thermal performance PCB layout, refer to the demo board application note AN-2024 SNVA422.
10.4 Power Module SMT Guidelines
The recommendations below are for a standard module surface mount assembly
•
Land Pattern – Follow the PCB land pattern with either soldermask defined or non-soldermask defined pads
•
Stencil Aperture
–
For the exposed die attach pad (DAP), adjust the stencil for approximately 80% coverage of the PCB land
pattern
–
For all other I/O pads use a 1:1 ratio between the aperture and the land pattern recommendation
•
Solder Paste – Use a standard SAC Alloy such as SAC 305, type 3 or higher
•
Stencil Thickness – 0.125 to 0.15 mm
•
Reflow - Refer to solder paste supplier recommendation and optimized per board size and density
•
Refer to AN Design Summary LMZ1xxx and LMZ2xxx Power Modules Family (SNAA214) for reflow
information
•
Maximum number of reflows allowed is one
20
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMZ12003EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com