Electronic Components Datasheet Search
  English  ▼

X  

LMZ12003EXT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ12003EXT
Description  3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12003EXT Datasheet(HTML) 1 Page - Texas Instruments

  LMZ12003EXT Datasheet HTML 1Page - Texas Instruments LMZ12003EXT Datasheet HTML 2Page - Texas Instruments LMZ12003EXT Datasheet HTML 3Page - Texas Instruments LMZ12003EXT Datasheet HTML 4Page - Texas Instruments LMZ12003EXT Datasheet HTML 5Page - Texas Instruments LMZ12003EXT Datasheet HTML 6Page - Texas Instruments LMZ12003EXT Datasheet HTML 7Page - Texas Instruments LMZ12003EXT Datasheet HTML 8Page - Texas Instruments LMZ12003EXT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
0.8
1.2
1.5
1.8
2.5
3.3
5.0
25°C
OUTPUT CURRENT (A)
VIN
CIN
Enable
RON
RFBT
CFF
CSS
RFBB
COUT
LMZ12003EXT
VOUT @ 3A
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ12003EXT
SNVS663H – JUNE 2010 – REVISED AUGUST 2015
LMZ12003EXT 3-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage
for Demanding Environments and Rugged Applications
1 Features
2 Applications
1
•
Junction Temperature Range –55°C to 125°C
•
Point-of-load Conversions from 5-V and 12-V
Input Rail
•
Integrated Shielded Inductor
•
Time-Critical Projects
•
Simple PCB Layout
•
Space Constrained High Thermal Requirement
•
Flexible Start-up Sequencing Using External Soft-
Applications
Start Capacitor and Precision Enable
•
Negative Output Voltage Applications (See AN-
•
Protection Against Inrush Currents and Faults
2027 SNVA425)
such as Input UVLO and Output Short Circuit
•
Single Exposed Pad and Standard Pinout for Easy
3 Description
Mounting and Manufacturing
The LMZ12003EXT SIMPLE SWITCHER® power
•
Fast Transient Response for FPGAs and ASICs
module is an easy-to-use step-down DC-DC solution
•
Low Output Voltage Ripple
capable of driving up to 3-A load with exceptional
power conversion efficiency, line and load regulation,
•
Pin-to-Pin Compatible With Family Devices:
and output accuracy. The LMZ12003EXT is available
–
LMZ14203EXT/2EXT/1EXT
in an innovative package that enhances thermal
(42-V Maximum 3 A, 2 A, 1 A)
performance
and
allows
for
hand
or
machine
–
LMZ14203/2/1 (42-V Maximum 3 A, 2 A, 1 A)
soldering.
–
LMZ12003/2/1 (20-V Maximum 3 A, 2 A, 1 A)
The LMZ12003EXT can accept an input voltage rail
•
Fully WEBENCH® Power Designer Enabled
between 4.5 V and 20 V and can deliver an
adjustable and highly accurate output voltage as low
•
Electrical Specifications
as 0.8 V. The LMZ12003EXT only requires three
–
18-W Maximum Total Power Output
external resistors and four external capacitors to
–
Up to 3-A Output Current
complete the power solution. The LMZ12003EXT is a
reliable
and
robust
design
with
the
following
–
Input Voltage Range 4.5 V to 20 V
protection
features:
thermal
shutdown,
input
–
Output Voltage Range 0.8 V to 6 V
undervoltage lockout, output overvoltage protection,
–
Efficiency up to 92%
short circuit protection, output current limit, and the
•
Performance Benefits
device allows start-up into a prebiased output. A
single resistor adjusts the switching frequency up to 1
–
Low Radiated Emissions and High Radiated
MHz.
Immunity
–
Passes Vibration Standard MIL-STD-883
Device Information(1)(2)
Method 2007.2 Condition A JESD22–B103B
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Condition 1
LMZ12003EXT
NDW (7)
10.16 mm × 9.85 mm
–
Passes Drop Standard MIL-STD-883 Method
(1) For all available packages, see the orderable addendum at
2002.3 Condition B JESD22–B110 Condition B
the end of the data sheet.
(2) Peak reflow temperature equals 245°C. See SNAA214 for
more details.
Simplified Application Schematic
Efficiency 12-V Input at 25°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMZ12003EXT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ12003EXT TI1-LMZ12003EXT Datasheet
3Mb / 19P
3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ12003EXTTZ NSC-LMZ12003EXTTZ Datasheet
748Kb / 10P
LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
logo
Texas Instruments
LMZ12003EXTTZ TI1-LMZ12003EXTTZ Datasheet
3Mb / 19P
3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ12003EXTTZE TI1-LMZ12003EXTTZE Datasheet
3Mb / 19P
3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ12003EXTTZX TI1-LMZ12003EXTTZX Datasheet
3Mb / 19P
3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results

Similar Description - LMZ12003EXT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ10503EXT NSC-LMZ10503EXT Datasheet
1Mb / 22P
3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12003EXT TI1-LMZ12003EXT Datasheet
3Mb / 19P
3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ12002EXT TI-LMZ12002EXT_15 Datasheet
1Mb / 31P
LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14201EXT TI-LMZ14201EXT_15 Datasheet
6Mb / 32P
1A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14203EXT TI-LMZ14203EXT_15 Datasheet
6Mb / 31P
3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ14202EXT TI-LMZ14202EXT_15 Datasheet
6Mb / 32P
2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com