Electronic Components Datasheet Search
  English  ▼

X  

LMZ12003EXT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ12003EXT
Description  3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12003EXT Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMZ12003EXT Datasheet HTML 10Page - Texas Instruments LMZ12003EXT Datasheet HTML 11Page - Texas Instruments LMZ12003EXT Datasheet HTML 12Page - Texas Instruments LMZ12003EXT Datasheet HTML 13Page - Texas Instruments LMZ12003EXT Datasheet HTML 14Page - Texas Instruments LMZ12003EXT Datasheet HTML 15Page - Texas Instruments LMZ12003EXT Datasheet HTML 16Page - Texas Instruments LMZ12003EXT Datasheet HTML 17Page - Texas Instruments LMZ12003EXT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
LMZ12003EXT
SNVS663H – JUNE 2010 – REVISED AUGUST 2015
www.ti.com
Typical Application (continued)
Table 1. Bill of Materials
REF DES
DESCRIPTION
CASE SIZE
MANUFACTURER
MANUFACTURER P/N
U1
SIMPLE SWITCHER
PFM-7
Texas Instruments
LMZ12003EXTTZ-ADJ
Cin1
1 µF, 50 V, X7R
1206
Taiyo Yuden
UMK316B7105KL-T
Cin2
10 µF, 50 V, X7R
1210
Taiyo Yuden
UMK325BJ106MM-T
CO1
1 µF, 50 V, X7R
1206
Taiyo Yuden
UMK316B7105KL-T
CO2
100 µF, 6.3 V, X7R
1210
Taiyo Yuden
JMK325BJ10CR7MM-T
RFBT
1.37 k
Ω
0603
Vishay Dale
CRCW06031K37FKEA
RFBB
1.07 k
Ω
0603
Vishay Dale
CRCW06031K07FKEA
RON
32.4 k
Ω
0603
Vishay Dale
CRCW060332K4FKEA
RENT
32.4 k
Ω
0603
Vishay Dale
CRCW060332K4FKEA
RENB
11.8 k
Ω
0603
Vishay Dale
CRCW060311k8FKEA
CFF
22 nF, ±10%, X7R, 16 V
0603
TDK
C1608X7R1H223K
CSS
22 nF, ±10%, X7R, 16 V
0603
TDK
C1608X7R1H223K
8.2.2.3 Soft-Start Capacitor Selection
Programmable soft-start permits the regulator to slowly ramp to its steady-state operating point after being
enabled, thereby reducing current inrush from the input supply and slowing the output voltage rise-time to
prevent overshoot.
Upon turnon, after all UVLO conditions have been passed, an internal 8-µA current source begins charging the
external soft-start capacitor. The soft-start time duration to reach steady-state operation is given by the formula:
tSS = VREF × CSS / Iss = 0.8 V × CSS / 8 µA
(3)
This equation can be rearranged as follows:
CSS = tSS × 8 μA / 0.8 V
Use of a 0.022-
μF capacitor results in 2.2-ms soft-start duration. This is recommended as a minimum value.
As the soft-start input exceeds 0.8 V the output of the power stage will be in regulation. The soft-start capacitor
continues charging until it reaches approximately 3.8 V on the SS pin. Voltage levels between 0.8 V and 3.8 V
have no effect on other circuit operation. The following conditions will reset the soft-start capacitor by discharging
the SS input to ground with an internal 200-
μA current sink.
• The enable input being pulled low
• Thermal shutdown condition
• Overcurrent fault
• Internal VCC UVLO (Approx 4-V input to VIN)
8.2.2.4 CO Selection
None of the required CO output capacitance is contained within the module. At a minimum, the output capacitor
must meet the worst case minimum ripple current rating of 0.5 × ILR P-P, as calculated in Equation 14. Beyond
that, additional capacitance will reduce output ripple so long as the ESR is low enough to permit it. A minimum
value of 10
μF is generally required. Experimentation will be required if attempting to operate with a minimum
value. Ceramic capacitors or other low ESR types are recommended. See AN-2024 SNVA422 for more detail.
The following equation provides a good first pass approximation of CO for load transient requirements:
CO ≥ ISTEP × VFB × L × VIN / (4 × VO × (VIN – VO) × VOUT-TRAN)
(4)
Solving:
CO ≥ 3 A × 0.8 V × 6.8 μH × 12 V / (4 × 3.3 V × (12 V – 3.3 V) × 33 mV)
≥ 52μF
The LMZ12003EXT demonstration and evaluation boards are populated with a 100-µF 6.3-V X5R output
capacitor. Locations for extra output capacitors are provided.
14
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMZ12003EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com